Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 5Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 11Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 12Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
at any time, a series resistor (1 kΩ) is required to limit the current
flowing into the EN pin. This series resistor is not necessary if
EN is driven from a logic input.
PWM Dimming Ratio
The brightness of the LED string can be reduced by adjusting the
PWM duty cycle at the EN pin as follows:
Dimming ratio = PWM on-time / PWM period
For example, by selecting a PWM period of 5 ms (200 Hz PWM
frequency) and a PWM on-time of 50 μs, a dimming ratio of 1%
can be achieved.
In an actual application, the minimum dimming ratio is deter-
mined by various system parameters, including: VIN, VOUT,
inductance, LED current, switching frequency, and PWM
frequency. As a general guideline, the minimum PWM on-time
should be kept at 50 μs or longer. A shorter PWM on-time is
acceptable under more favorable operating conditions.
Output Voltage and Duty Cycle
Figure 7 provides simplified equations for approximating output
voltage. Essentially, the output voltage of a buck converter is
approximately given as:
VOUT = VIN × D – VD1 × (1 – D ) ≈ VIN × D, if VD1<< VIN
D = tON / (tON + tOFF )
where D is the duty cycle, and VD1 is the forward drop of the
Schottky diode D1 (typically under 0.5 V).
Minimum and Maximum Output Voltages
For a given input voltage, the maximum output voltage depends
on the switching frequency and minimum tOFF. For example, if
tOFF(min) = 150 ns and fSW = 1 MHz, then the maximum duty
cycle is 85%. So for a 24 V input, the maximum output is 20.3 V.
This means up to 6 LEDs can be operated in series, assuming
Vf = 3.3 V or less for each LED.
The minimum output voltage depends on minimum tON and
switching frequency. For example, if the minimum tON = 150 ns
and fSW = 1 MHz, then the minimum duty cycle is 15%. That
means with VIN = 24 V, the minimum VOUT = 3.2 V (one LED).
To a lesser degree, the output voltage is also affected by other
factors such as LED current, on-resistance of the high-side
switch, DCR of the inductor, and forward drop of the low-side
diode. The more precise equation is shown in figure 7.
As a general rule, switching at lower frequencies allows a wider
range of VOUT, and hence more flexible LED configurations.
This is shown in figure 8.
Figure 8 shows how the minimum and maximum output volt-
ages vary with LED current (assuming RDS(on) = 0.4 Ω, inductor
DCR = 0.1 Ω, and diode Vf = 0.6 V).
If the required output voltage is lower than that permitted by the
minimum tON, the controller will automatically extend the tOFF,
in order to maintain the correct duty cycle. This means that the
switching frequency will drop lower when necessary, while the
LED current is kept in regulation at all times.
Figure 8. Minimum and Maximum Output Voltage versus Switching
Frequency (VIN = 24 V, iLED = 2 A, minimum tON and tOFF = 150 ns)
Figure 9. Minimum and Maximum Output Voltage versus iLED current
(VIN = 9 V, fSW = 1 MHz, minimum tON and tOFF = 150 ns)
24
22
20
18
16
14
12
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
fsw (MHz)
VOUT(max) (V)
VOUT(min) (V)
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
iLED (A)
VOUT(max) (V)
VOUT(min) (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com