Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 18Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 19Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 20Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 21Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 22Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 23Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 24Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
VCM-DAS-3 Reference Manual
16
Registers
I/O Port Mapping
In enhanced mode, the VCM-DAS-3 operates occupies 16 ports in the I/O map. Eleven ports are
mapped to functional registers, and the remaining five ports are decoded by the board and cannot
be used by other PC/104 modules.
Table 6: Enhanced Mode I/O Port Addresses
Write Register
Read Register
I/O Port Address
As Shipped
Address
–
PLDVER
Base Address + F
0x30F
–
–
Base Address + E
0x30E
–
–
Base Address + D
0x30D
–
–
Base Address + C
0x30C
–
–
Base Address + B
0x30B
ENCTRL
ENCTRL
Base Address + A
0x30A
ENDATHI
ENDATHI
Base Address + 9
0x309
ENDATLO
ENDATLO
Base Address + 8
0x308
DIOCTRL
DIOCTRL
Base Address + 7
0x307
DIOC
DIOC
Base Address + 6
0x306
DIOB
DIOB
Base Address + 5
0x305
DIOA
DIOA
Base Address + 4
0x304
EXTRIG
EXTRIG
Base Address + 3
0x303
DACSEL
–
Base Address + 2
0x302
DACHI
DACALL1
Base Address + 1
0x301
DACLO
DACALL0
Base Address + 0
0x300
In compatible mode, the VCM-DAS-3 operates occupies eight ports in the I/O map, all of which
are functional.
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com