Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 23Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 24Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 25Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 26Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 27Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Digital I/O Data Registers
VCM-DAS-3 Reference Manual
22
DIGITAL OUTPUT REGISTERS
DIOC (Write) 0306h
D7
D6
D5
D4
D3
D2
D1
D0
DIO C7
DIO C6
DIO C5
DIO C4
DIO C3
DIO C2
DIO C1
DIO C0
DIOB (Write) 0305h
D7
D6
D5
D4
D3
D2
D1
D0
DIO B7
DIO B6
DIO B5
DIO B4
DIO B3
DIO B2
DIO B1
DIO B0
DIOA (Write) 0304h
D7
D6
D5
D4
D3
D2
D1
D0
DIO A7
DIO A6
DIO A5
DIO A4
DIO A3
DIO A2
DIO A1
DIO A0
Table 13: Digital Output Data Bit Assignments
Bit
Mnemonic
Description
D7-D0
DIO A7-A0
DIO B7-B0
DIO C7-C0
Digital Output Data – Data written to these registers is driven onto the digital
port signals on connectors J1 and J2. Data is not inverted. When a bit is set to 1,
the signal line is driven high; when a bit is reset to 0, the signal line is driven low.
To operate a port in output mode, you must first set the direction of the port to
output by clearing the appropriate bit in the DIOCTRL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com