Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 25Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 26Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 27Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Analog Output Data Registers
VCM-DAS-3 Reference Manual
24
Analog Output Data Registers
DAC CHANNEL SELECT REGISTER
DACSEL (Write) 0302h
7
6
5
4
3
2
1
0
–
–
–
–
SEL3
SEL2
SEL1
SEL0
Table 15: DACSEL Bit Assignments
Bit
Mnemonic
Description
7-4
–
Unused. These bits have no function.
3-0
SEL
Channel Selection – These bits select the DAC channel upon which digital
output functions will be performed.
SEL3
SEL2
SEL1
SEL0
Selected Channel
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
0
1
0
0
4
0
1
0
1
5
0
1
1
0
6
0
1
1
1
7
1
0
0
0
8
1
0
0
1
9
1
0
1
0
10
1
0
1
1
11
1
1
0
0
12
1
1
0
1
13
1
1
1
0
14
1
1
1
1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com