Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 24Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 25Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 26Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 27Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
External Trigger Enable Register
VCM-DAS-3 Reference Manual
23
External Trigger Enable Register
EXTRIG (Read/Write) 0303h
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
TRIGEN
Table 14: EXTRIG Bit Assignments
Bit
Mnemonic
Description
7-1
–
Unused. These bits have no function.
0
TRIGEN
Trigger Enable – When the external trigger is enabled, digital I/O line C0 will
update all DACs simultaneously when it is brought low. This can be done either
by an external signal, when C0 is in input mode, or in software, when C0 is in
output mode. If using an external trigger, make sure that the lower half of Port C
is in input mode.
1 = Enable
0 = Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com