Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 38Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 39Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 40Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 41Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Enhanced Mode Operations
VCM-DAS-3 Reference Manual
34
Enhanced Mode Operations
The VCM-DAS-3 must be in enhanced mode to perform enhanced mode operations.
READING DAC DATA
Reading a DAC using the Read DAC operation does not cause the DAC to be updated, as reading
the DACALL0 register does. Performing a Read DAC operation loads the DAC voltage code in
the ENDATHI and ENDATLO registers. To read the voltage of a DAC:
1. Perform a Read DAC operation by writing 8h to the CTRL field of the ENCTRL register
at I/O port 0x30A, combined with the channel number in the SEL field of the same
register.
2. Read the ENDATHI register and then the ENDATLO register. The 12 bits of the output
voltage code are offset toward the MSB, as shown below.
ENDATHI MSB (Read) 0309h
7
6
5
4
3
2
1
0
D11
D10
D9
D8
D7
D6
D5
D4
ENDATLO LSB (Read) 0308h
7
6
5
4
3
2
1
0
D3
D2
D1
D0
0
0
0
0
READING THE SPAN OF A CHANNEL
To read the span of a channel:
1. Perform a Read Span operation by writing 9h to the CTRL field of the ENCTRL register
at I/O port 0x30A, combined with the channel number in the SEL field of the same
register.
2. Read the span code from bits 3-0 of the ENDATLO register at I/O port 0x308, as shown
below.
ENDATLO LSB (Read) 0308h
7
6
5
4
3
2
1
0
–
–
–
–
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com