Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 38Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 39Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 40Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 41Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Calibration
VCM-DAS-3 Reference Manual
33
Calibration
Calibration, if desired, is accomplished by mathematical transformation in software. Gain for the
board (not individual channels) can be adjusted using the ENCTRL register. Offset adjustments
are not currently implemented on the board.
An SPI transaction to the gain pot will take less than 10 us. However, the Gain pot takes up to 20
ms to update its EEPROM when written to. During calibration, you need to wait 2 ms after the
write command before measuring the voltage of the DAC output.
SETTING THE GAIN
The range of gain adjustment is 24 mV. The gain is encoded using the eight bits of the
ENDATLO register, so each step equals 0.094 mV. To perform the Set Gain command, write E0h
to the ENCTRL register at I/O port 0x30A, and then write the gain value to the ENDATLO
register at I/O port 0x308. The following procedure is recommended for setting the gain:
1. Select channel 0 by writing 0h to the DACSEL register at I/O port 0x302.
2. Output the code for 0V by writing 0h to both the DACHI and DACLO registers.
3. Using high-precision volt meter (VOM), read the voltage on channel 0. The voltage read
is the offset.
4. Output the code for known voltage minus the offset to channel 0.
5. Using the VOM, read voltage on channel 0. The difference between the VOM reading
and the known voltage applied in step 4 is the gain error.
6. Adjust gain pot up or down to reduce the gain error to the lowest possible amount.
Note that there is no adjustment for offset error. You must accommodate for offset with software.
The gain value you set is non-volatile.
READING THE GAIN
To perform the Read Gain operation, write F0h to the ENCTRL register at I/O port 0x30A, and
then read the value of the ENDATLO register at I/O port 0x308.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com