Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 38Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 39Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 40Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 41Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 42Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Enhanced Mode Operations
VCM-DAS-3 Reference Manual
35
SETTING A CHANNEL TO SLEEP MODE
To set a DAC to sleep mode, perform a Sleep DAC operation by writing Bh to the CTRL field of
the ENCTRL register at I/O port 0x30A, combined with the channel number in the SEL field of
the same register. The channel remains in sleep mode until a voltage output code is written to it.
READING THE SLEEP STATUS OF A CHANNEL
To read the sleep status of a channel:
1. Perform a Read Span operation by writing 9h to the CTRL field of the ENCTRL register
at I/O port 0x30A, combined with the channel number in the SEL field of the same
register.
2. Read the SLEEPSTAT bit (bit 4) of the ENDATLO register at I/O port 0x308, as shown
below. A value of 0 = awake. A value of 1 = sleep mode.
ENDATLO LSB (Read) 0308h
7
6
5
4
3
2
1
0
–
–
–
SLEEPSTAT
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com