Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 33Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 37Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Analog Output Data Representation
VCM-DAS-3 Reference Manual
29
Table 21: Offset Binary Data Format – Asymmetrical Range
-
2.5 to +7.5
Output
Voltage
Hex
Decimal
Comment
+7.5000
–
–
Out of range
+7.4975
FFFh
4095
Maximum positive voltage
+3.7500
A00h
2560
Positive half scale
+1.8750
700h
1792
Positive quarter scale
+0.00244
401h
1025
Positive 1 LSB
0.0000
400h
1024
Zero (ground voltage)
-
0.00244
3FFh
1023
Negative 1 LSB
-
0.6250
300h
768
Negative quarter scale
-
1.2500
200h
512
Negative half scale
-
2.5000
000h
0
Maximum negative voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com