Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 28Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 29Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 30Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 31Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 32Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 33Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 34Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 35Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Analog Output Data Representation
VCM-DAS-3 Reference Manual
27
Analog Output Data Representation
Two different digital coding schemes are used for analog output operations.
For unipolar output ranges (positive voltages only), straight binary coding is used.
For bipolar output ranges (both positive and negative voltages), offset binary coding is
used.
STRAIGHT BINARY CODING
The formulas for calculating analog or straight binary digital values are given by:
Where:
Analog = Applied voltage
Digital
= A/D conversion data
Step
= 0.00244140625 for 0-10V range
0.00122070313 for 0-5V range
0.0006103515625 for 0-2.5V range
Table 19: Straight Binary Data Format
0-2.5V
Range
0-5V
Range
0-10V
Range
Hex
Decimal
Comment
+2.5000
+5.0000
+10.0000
–
–
Out of range
+2.4993
+4.9987
+9.9975
FFFh
4095
Maximum positive voltage
+1.2500
+2.5000
+5.0000
800h
2048
Positive half scale
+0.6250
+1.2500
+2.5000
400h
1024
Positive quarter scale
+0.00061
+0.00122
+0.00244
001h
1
Positive 1 LSB
0.0000
0.0000
0.0000
000h
0
Zero (ground output)
Digital =
Analog
Step
Analog = Step x Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com