Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCM-DAS-3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VCM-DAS-3
Description  The VCM-DAS-3 is a PC/104-format data acquisition board that provides analog outputs and digital I/O for process control and other applications.
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCM-DAS-3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VCM-DAS-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers VCM-DAS-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Technical Specifications
VCM-DAS-3 Reference Manual
2
Technical Specifications
Specifications are typical at 25°C with 5.0V supply unless otherwise noted.
Board Size: 3.55” x 3.775” (PC/104 standard)
Storage Temperature:
-
40° C to +85° C
Operating Temperature:
-
40° C to +85° C
Power Requirements:
5V
± 10%
Analog Output:
Channels:
16 outputs
Resolution:
12 bits
Output Ranges:
Bipolar: ±10V, ±5V, ±2.5V, -2.5V to 7.5V
Unipolar: 0 - 10V, 0 - 5V
Output Current:
±5 mA max per channel
Settling Time:
8 uS Typ. (±10V Range, 20V Step to ±1LSB)
Accuracy:
±1 LSB
Integral
Nonlinearity:
±1 LSB
Differential
Nonlinearity:
±1 LSB
Calibration:
One gain and one zero adjustment for all channels
Gain Temp.
Coefficient:
±2 ppm/° C
Update Method:
Simultaneous, individual, or external trigger
Reset:
Outputs reset to 0V when board is jumpered for Enhanced Mode,
mid-scale otherwise
Digital I/O:
Channels:
24
Compatibility:
CMOS / TTL, 82C55 Mode 0 only
Low Input Voltage: -0.3V min., 0.8V max
High Input Voltage: 2.0V min., 5.5V max.
Low Output
Voltage:
0.4V max.
High Output
Voltage:
3.0V max.
Output Current:
+4 mA / -8 mA max.
Pull-up Resistor:
10 K Ohm
Reset:
All channels set to input mode
Software:
Operating Systems: Compatible with most X86 operating systems including
Windows 95/85/NT/CE/XP, QNX, VxWorks, and Linux
Driver Support:
No native drivers. Fully compatible with Diamond Systems drivers.
Compatibility:
PC/104 – Full compliance, 8-bit and 16-bit
Weight:
0.152 lbs (0.069 kg)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com