Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 5 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 5 Page - Analog Devices

  AD608 Datasheet HTML 1Page - Analog Devices AD608 Datasheet HTML 2Page - Analog Devices AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD608
REV. B
–5–
800mV/DIV
1V /DIV
100ns/DIV
100ns/DIV
Figure 9. RSSI Power-Up Response
IFHI
VPOS
RSSI
IF TEST BOARD
10.7 MHz
FLUKE 6082A
SYNTHESIZER
DCPS
3V
HP3366A
FET
PROBE
TEK P6201
PRUP
TRIGGER
CH 1
CH 2
HP54120A
DIGITAL
OSCILLOSCOPE
0dBm
Figure 10. Test Circuit for RSSI Power-Up Response
(Figure 9)
800mV/DIV
50ns/DIV
200mV/DIV
Figure 11. RSSI Pulse Response/RSSI Rise Time
IFHI
VPOS
RSSI
IF TEST BOARD
10.7 MHz
FLUKE 6082A
SYNTHESIZER
DCPS
3V
HP3366A
FET
PROBE
TEK P6201
CH 1
CH 2
HP54120A
DIGITAL
OSCILLOSCOPE
0dBm
COUPLER
MCL
ZDC-20-1
Figure 12. Test Circuit for RSSI Pulse Response/RSSI Rise
Time (Figure 11)
60mV/DIV
20ns/DIV
Figure 13. Limiter Rise and Fall Times
IFHI
VPOS
LMOP
IF TEST BOARD
10.7 MHz
FLUKE 6082A
SYNTHESIZER
DCPS
3V
HP3366A
FET
PROBE
TEK P6201
HP54120A
0dBm
DIGITAL
OSCILLOSCOPE
Figure 14. Test Circuit for Limiter Rise and Fall Times
(Figure 13)
100ns/DIV
1V/DIV
220mV/DIV
100ns/DIV
Figure 15. Limiter Power-Up Response Time
IFHI
VPOS
LMOP
IF TEST BOARD
10.7 MHz
FLUKE 6082A
SYNTHESIZER
3V
HP6633A
FET
PROBE
TEK P6201
PRUP
TRIGGER
CH 1
CH 2
HP54120A
DIGITAL
OSCILLOSCOPE
0dBm
DCPS
Figure 16. Test Circuit for Limiter Power-Up Response
Time (Figure 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com