Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 1 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 1 Page - Analog Devices

  AD608 Datasheet HTML 1Page - Analog Devices AD608 Datasheet HTML 2Page - Analog Devices AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
Low Power Mixer/Limiter/RSSI
3 V Receiver IF Subsystem
AD608
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Mixer
–15 dBm 1 dB Compression Point
–5 dBm IP3
24 dB Conversion Gain
>500 MHz Input Bandwidth
Logarithmic/Limiting Amplifier
80 dB RSSI Range
3 Phase Stability over 80 dB Range
Low Power
21 mW at 3 V Power Consumption
CMOS-Compatible Power-Down to 300
W typ
200 ns Enable/Disable Time
APPLICATIONS
PHS, GSM, TDMA, FM, or PM Receivers
Battery-Powered Instrumentation
Base Station RSSI Measurement
The RF and LO bandwidths both exceed 500 MHz. In a typical
IF application, the AD608 will accept the output of a 240 MHz
SAW filter and downconvert it to a nominal 10.7 MHz IF with
a conversion gain of 24 dB (ZIF = 165
Ω). The AD608’s loga-
rithmic/limiting amplifier section handles any IF from LF to as
high as 30 MHz.
The mixer is a doubly-balanced “Gilbert-Cell” type and oper-
ates linearly for RF inputs spanning –95 dBm to –15 dBm. It
has a nominal –5 dBm third-order intercept. An onboard LO
preamplifier requires only –16 dBm of LO drive. The mixer’s
current output drives a reverse-terminated, industry-standard
10.7 MHz 330
Ω filter.
The nominal logarithmic scaling is such that the output is
+0.2 V for a sinusoidal input to the IF amplifier of –75 dBm
and +1.8 V at an input of +5 dBm; over this range the logarith-
mic conformance is typically
±1 dB. The logarithmic slope is
proportional to the supply voltage. A feedback loop automati-
cally nulls the input offset of the first stage down to the sub-
microvolt level.
The AD608’s limiter output provides a hard-limited signal out-
put at 400 mV p-p. The voltage gain of the limiting amplifier to
this output is more than 100 dB. Transition times are 11 ns and
the phase is stable to within
±3° at 10.7 MHz for signals from
–75 dBm to +5 dBm.
The AD608 is enabled by a CMOS logic-level voltage input,
with a response time of 200 ns. When disabled, the standby
power is reduced to 300
µW within 400 ns.
The AD608 is specified for the industrial temperature range of
–25
°C to +85°C for 2.7 V to 5.5 V supplies and –40°C to +85°C
for 4.5 V to 5.5 V supplies. It comes in a 16-pin plastic SOIC.
GENERAL DESCRIPTION
The AD608 provides both a low power, low distortion, low
noise mixer and a complete, monolithic logarithmic/limiting
amplifier using a “successive-detection” technique. It provides
both a high speed RSSI (Received Signal Strength Indicator)
output with 80 dB dynamic range and a hard-limited output.
The RSSI output is from a two-pole post-demodulation low-
pass filter and provides a loadable output voltage of +0.2 V to
+1.8 V. The AD608 operates from a single 2.7 V to 5.5 V sup-
ply at a typical power level of 21 mW at 3 V.
FUNCTIONAL BLOCK DIAGRAM
24dB MIXER GAIN
110dB LIMITER GAIN
90dB RSSI
BIAS
MXOP
MIXER
BPF
DRIVER
VMID
LO
PREAMP
AD608
RFHI
RFLO
IF INPUT
–75dBm TO
+15dBm2
IFHI
IFLO
LMOP
VPS2
RSSI
FDBK
COM3
FINAL
LIMITER
100nF
10nF
330
Ω
±50µA
330
Ω
MID-SUPPLY
IF BIAS
5
7
8
10
9
13
14
12
11
2
4
16
LIMITER
OUTPUT
400mVp-p
PRUP
RF INPUT
–95 TO
–15dBm1
VPS1 COM1
COM2
LOHI
RSSI OUTPUT
20mV/dB
0.2V TO 1.8V
3dB NOMINAL
INSERTION LOSS
+2.7V TO 5.5V
5-STAGE IF AMPLIFIER
(16dB PER STAGE)
7 FULL-WAVE
RECTIFIER CELLS
≈
+2.7V TO
5.5V
LO INPUT
–16dBm
CMOS LOGIC
INPUT
±6mA MAX OUTPUT
(
±890mV INTO 165Ω)
100
Ω
18nF
1 –15dBm =
±56mV MAX FOR LINEAR OPERATION
2MHz
LPF
15
1
3
6
2 39.76µV RMS TO 397.6mV RMS FOR
±1dB RSSI
ACCURACY
NOTES:
10.7MHz
BANDPASS
FILTER
≈
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.


Similar Part No. - AD608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD608AR AD-AD608AR Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608AR-REEL AD-AD608AR-REEL Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608ARZ-RL AD-AD608ARZ-RL Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results

Similar Description - AD608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD607 AD-AD607 Datasheet
510Kb / 24P
Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
logo
Analog Devices
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com