Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 3 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 3 Page - Analog Devices

  AD608 Datasheet HTML 1Page - Analog Devices AD608 Datasheet HTML 2Page - Analog Devices AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD608
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VPS1, VPS2 . . . . . . . . . . . . . . . . . . . . . . +6 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . 600 mW
Temperature Range . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 60 sec) . . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended rating conditions for extended periods
may affect device reliability.
2Thermal Characteristics:
16-Pin SOIC Package:
θ
JA = 110°C/W.
ORDERING GUIDE
Temperature
Package
Model
Range
Option
AD608AR
–25
°C to +85°C,
R-16A*
2.7 V to 5.5 V Supplies;
–40
°C to +85°C,
4.5 V to 5.5 V Supplies
*R = Small Outline IC (SOIC).
PIN DESCRIPTIONS
Pin
Mnemonic
Description
1
VPS1
Positive Supply Input
2
COM1
Common
3
LOHI
Local Oscillator Input Connection
4
COM2
Common
5
RFHI
RF Input, Noninverting
6
RFLO
RF Input, Inverting
7
MXOP
Mixer Output
8
VMID
Midpoint Supply Bias
Output
9
IFHI
IF Input, Noninverting
10
IFLO
IF Input, Inverting
11
RSSI
Received Signal Strength Indicator
Output
12
COM3
Output Common
13
FDBK
Offset-Null Feedback Loop Output
14
VPS2
Limiter Positive Supply Input
15
LMOP
Limiter Output
16
PRUP
Power-Up
TERMINAL DIAGRAM
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD608 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
VPS1
COM1
PRUP
LMOP
RFHI
RFLO
MXOP
COM3
RSSI
IFLO
LOHI
COM2
VPS2
FDBK
VMID
IFHI
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
AD608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com