Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 2 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 2 Page - Analog Devices

  AD608 Datasheet HTML 1Page - Analog Devices AD608 Datasheet HTML 2Page - Analog Devices AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD608–SPECIFICATIONS
Model
AD608
Conditions
Min
Typ
Max
Units
MIXER PERFORMANCE
RF and LO Frequency Range
500
MHz
LO Power
Input Terminated in 50
–16
dBm
Conversion Gain
Driving Doubly-Terminated 330
Ω IF Filter, Z
IF = 165 Ω
19
24
28
dB
Noise Figure
Matched Input, fRF = 100 MHz
11
dB
Matched Input, fRF = 240 MHz
16
dB
1 dB Compression Point
Input Terminated in 50
–15
dBm
Third-Order Intercept
fRF = 240 MHz and 240.02 MHz, fLO = 229.3 MHz
–5
dBm
Input Resistance
fRF = 100 MHz (See Table I)
1.9
k
Input Capacitance
fRF = 100 MHz (See Table I)
3
pF
LIMITER PERFORMANCE
Gain
Full Temperature and Supply Range
110
dB
Limiting Threshold
3
° rms Phase Jitter at 10.7 MHz
–75
dBm
280 kHz IF Bandwidth
Input Resistance
10
k
Input Capacitance
3pF
Phase Variation
–75 dBm to +5 dBm IF Input Signal at 10.7 MHz
±3
Degree
DC Level
Center of Output Swing (VPOS-1)
2
V
Output Level
Limiter Output Driving 5 k
Ω Load
400
mV p-p
Rise and Fall Times
Driving a 5 pF Load
11
ns
Output Impedance
200
RSSI PERFORMANCE
At 10.7 MHz
Nominal Slope
At VPOS = 3 V; Proportional to VPOS
17.27
20
23.27
mV/dB
Nominal Intercept
–85
dBm
Minimum RSSI Voltage
–75 dBm Input Signal
0.2
V
Maximum RSSI Voltage
+5 dBm Input Signal
1.8
V
RSSI Voltage Intercept
0 dBm Input Signal
1.57
1.82
V
Logarithmic Linearity Error
–75 dBm to +5 dBm Input Signal at IFHI
±1dB
RSSI Response Time
90% RF to 50% RSSI
200
ns
Output Impedance
At Midscale
250
POWER-DOWN INTERFACE
Logical Threshold
System Active on Logical High
1.5
V
Input Current
For Logical High
75
µA
Power-Up Response Time
Active Limiter Output
200
ns
Power-Down Response Time
To 200
µA Supply Current
400
ns
Power-Down Current
100
µA
POWER SUPPLY
Operating Range
–25
°C to +85°C
2.7
5.5
V
–40
°C to +85°C
4.5
5.5
V
Powered Up Current
VPOS = 3 V
7.3
mA
OPERATING TEMPERATURE
TMIN to TMAX
VPOS = 2.7 V to 5.5 V
–25
+85
°C
TMIN to TMAX
VPOS = 4.5 V to 5.5 V
–40
+85
°C
Specifications subject to change without notice.
REV. B
–2–
(@ TA = + 25 C, Supply = 3 V, dBm is referred to 50
, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com