Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 8 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices AD608 Datasheet HTML 10Page - Analog Devices AD608 Datasheet HTML 11Page - Analog Devices AD608 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
–8–
AD608
IF Filter Terminations
The AD608 was designed to drive a parallel-terminated 10.7 MHz
bandpass filter with a 330
Ω impedance. With a 330 Ω parallel-
terminated filter, pin MXOP sees a 165
Ω termination and the
gain is nominally 24 dB. Other filter impedances and gains can
be accommodated by either accepting an increase or decrease in
gain in proportion to the filter impedance or by keeping the im-
pedance seen by MXOP a nominal 165
Ω (by using resistive di-
viders or matching networks). Figure 21 shows a simple resistive
voltage divider for matching an assortment of filter impedances,
and Table II lists component values.
The Logarithmic IF Amplifier
The logarithmic IF amplifier consists of five amplifier stages
of 16 dB gain each, plus a final limiter. The IF bandwidth is
30 MHz (–1 dB) and the limiting gain is 110 dB. The phase
skew is
± 3° from –75 dBm to +5 dBm (approximately 111 µV
p-p to 1.1 V p-p). The limiter output impedance is 200
Ω
and the limiter’s output drive is
± 200 mV (400 mV p-p) into a
5 k
Ω load. In the absence of an input signal, the limiter’s output
will limit on noise fluctuations, which produces an output that
continues to swing 400 mV p-p but with random zero crossings.
Offset Feedback Loop
Because the logarithmic amplifier is dc coupled and has more
than 110 dB of gain from the input to the limiter output, a dc
offset at its input of even a few
µV would cause the output to
saturate. Thus, the AD608 uses a low frequency feedback loop
to null out the input offset. Referring to Figure 21, the loop
consists of a current source driven by the limiter, which sends
50
µA current pulses to pin FDBK. The pulses are low pass
filtered by a
π-network consisting of C1, R4, and C5. The
smoothed dc voltage that results is subtracted from the input to
the IF amplifier at pin IFLO. Because this is a high gain ampli-
fier with a feedback loop, care should be taken in layout and
component values to prevent oscillation. Recommended values
for the common IFs of 450 kHz, 455 kHz, 6.5 MHz, and
10.7 MHz are listed in Table II.
24dB MIXER GAIN
110dB LIMITER GAIN
90dB RSSI
BIAS
MXOP
MIXER
BPF
DRIVER
VMID
LO
PREAMP
AD608
RFHI
RFLO
IFHI
IFLO
LMOP
VPS2
RSSI
FDBK
COM3
FINAL
LIMITER
100nF
C5
R1
±50µA
BANDPASS
FILTER
MID-SUPPLY
IF BIAS
6
5
7
8
10
9
13
14
12
15
11
1
2
3
4
16
PRUP
VPS1 COM1
COM2
LOHI
12dB NOMINAL
INSERTION LOSS
(ASSUMES 6dB IN FILTER)
5-STAGE IF AMPLIFIER
(16dB PER STAGE)
7 FULL-WAVE
RECTIFIER CELLS
≈
≈
R4
C1
+5V
C1
1
µF
LO INPUT
–16dBm
C2
100pF
CMOS
LOGIC
INPUT
R2
R3
2MHz
LPF
47k
Ω
Figure 21. Applications Diagram for Common IFs and Filter Impedances
Table II. AD608 Filter Termination and Offset-Null Feedback Loop Resistor and Capacitor Values for Common IFs
Filter
Filter Termination Resistor
Offset Null
IF
Impedance
Values
1 for 24 dB of Mixer Gain
Feedback Loop Values
R1
R2
R3
R4
C1
C5
450 kHz
2
1500
Ω
174
Ω
1330
Ω
1500
Ω
1000
Ω
200 nF
100 nF
455 kHz
1500
Ω
174
Ω
1330
Ω
1500
Ω
1000
Ω
200 nF
100 nF
6.5 MHz
1000
Ω
178
Ω
825
Ω
1000
Ω
100
Ω
18 nF
10 nF
10.7 MHz
330
Ω
330
Ω
0
Ω
330
Ω
100
Ω
18 nF
10 nF
NOTES
1Resistor values were calculated so that R1 + R2 = Z
FILTER and R1 (R2+ZFILTER) = 165 Ω.
2Operation at IFs of 450 kHz and 455 kHz requires an external low pass filter with at least one pole at a cutoff frequency of 90 kHz (a decade below the ripple
at 900 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com