Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 9 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices AD608 Datasheet HTML 10Page - Analog Devices AD608 Datasheet HTML 11Page - Analog Devices AD608 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD608
REV. B
–9–
RSSI Output
The logarithmic amplifier uses a successive detection architec-
ture. Each of the five stages has a full-wave detector; two addi-
tional high level detectors are driven through attenuators at the
input to the limiting amplifiers, for a total of seven detector
stages. Because each detector is a full-wave rectifier, the ripple
component in the resulting dc is at twice the IF. The AD608’s
low-pass filter has a 2 MHz cutoff frequency, which is one
decade below the 21.4 MHz ripple that results from a 10.7 MHz
IF.
For operation at lower IFs such as 450 kHz or 455 kHz, the
AD608 requires an external low-pass filter with a single pole lo-
cated at 90 kHz, a decade below the 900 kHz ripple frequency
for these IFs. The RSSI range is from the noise level at approxi-
mately –80 dBm to overload at +15 dBm and is specified for
±1 dB accuracy from –75 dBm to +5 dBm. The +15 dBm
maximum IF input is provided to accommodate bandpass filters
of lower insertion loss than the nominal 4 dB for 10.7 MHz
ceramic filters.
Digitizing the RSSI
In typical cellular radio applications, the RSSI output of the
AD608 will be digitized by an A/D converter. The AD608’s
RSSI output is proportional to the power-supply voltage, which
not only allows the A/D converter to use the supply as a refer-
ence but also causes the RSSI output and the A/D converter’s
output to track over power supply variations, reducing system
errors and component costs.
Power Consumption
The total power-supply current of the AD608 is a nominal
7.3 mA. The power is signal-dependent, partly as the RSSI
output increases (the current is increased by 200
µA at an RSSI
output of +1.8 V) but mostly due to the IF BPF consumption
when being driven to
±891 mV assuming a 4 dB loss in this
filter and a peak input of +5 dBm to the log-IF amp, and tem-
perature dependent, as the biasing system used in the AD608 is
proportional to absolute temperature (PTAT).
Troubleshooting
The most common causes of problems with the AD608 are
incorrect component values for the offset feedback loop, poor
board layout, and pickup of RFI, which all cause the AD608 to
“lose” the low end (typically below –65 dBm) of its RSSI output
and cause the limiter to swing randomly. Both poor board lay-
out and incorrect component values in the offset feedback loop
can cause low level oscillations. Pickup of RFI can be caused by
improper layout and shielding of the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com