Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 6 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD608 Datasheet HTML 2Page - Analog Devices AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices AD608 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
AD608
INPUT POWER – dBm
5
–5
–80 –70
10
–60 –50 –40
–20 –10
0
–30
4
–1
–2
–3
–4
3
2
0
1
Figure 17. Limiter Phase Performance vs.
Input Power at IFHI
IFHI
RSSI
IF TEST BOARD
10.7 MHz
FLUKE 6082A
SYNTHESIZER
DCPS
3V
HP3366A
FET
PROBE
TEK P6201
CH 1
TRIG
HP54120A
DIGITAL
OSCILLOSCOPE
MCL
ZDC-20-1
BPF
HP8447A
HP8494A
HP8495A
280kHz BW
10.7MHz CF
TOKO SK107MK1-A0-10
COUPLER
Figure 18. Test Circuit for Limiter Phase Performance vs.
Input Power at IFHI (Figure 17) and Limiter Jitter Perfor-
mance vs. Input Power at IFHI (Figure 19)
INPUT POWER AT IFHI – dBm
10
0
–80 –70
10
–60 –50 –40
–20 –10
0
–30
9
4
3
2
1
8
7
5
6
Figure 19. Limiter Jitter Performance vs.
Input Power at IFHI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com