Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 4 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 4 Page - Analog Devices

  AD608 Datasheet HTML 1Page - Analog Devices AD608 Datasheet HTML 2Page - Analog Devices AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
AD608
RF FREQUENCY – MHz
25.0
23.5
22.0
0
50
500
100 150 200 250 300 350 400 450
24.5
24.0
23.0
22.5
Figure 3. Mixer Conversion Gain vs.
Frequency
PRUP IN
VPOS
51.1
51.1
0.1µF
1nF
1nF
332
0.1µF
332
301
54.9
IF INPUT
0.1µF
10nF
RSSI OUTPUT
100
18nF
0.1µF
LMOP OUT
TRIGGER
4.7k
U1 – 74HC00
0.1µF
U1A
U1B
47k
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD608
VPS1
COM1
RFHI
RFLO
MXOP
LOHI
COM2
VMID
PRUP
LMOP
COM3
RSSI
IFLO
VPS2
FDBK
IFHI
Figure 1. IF Test Board Schematic
INPUT POWER – dBm
3.0
0
–80 –70
10
–60 –50 –40
–20 –10
0
–30
2.5
2.0
1.5
1.0
0.5
+85
+25
–25
Figure 6. IF RSSI Output vs.
Temperature (3 V Supply)
IF FREQUENCY – MHz
0
–8
010
80
20
30
40
50
60
70
–1
–4
–5
–6
–7
–2
–3
Figure 4. Mixer IF Port Bandwidth
INPUT POWER AT IFHI – dBm
3.0
0
–80 –70
10
–60 –50 –40
–20 –10
0
–30
2.5
2.0
1.5
1.0
0.5
5V
3V
Figure 5. IF RSSI Output vs. Supply
Voltage (Ambient Temperature)
IFHI
VPOS
RSSI
IF TEST BOARD
10.7 MHz
FLUKE 6082A
SYNTHESIZER
DCPS
3V
HP3366A
DMM
HP34401A
Figure 7. Test Circuit for IF RSSI Out-
put vs. Supply Voltage (Ambient Tem-
perature) (Figure 5) and IF RSSI
Output vs. Temperature (3 V Supply)
(Figure 6) and RSSI Error vs. Input
Power (Figure 8)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD608
VPS1
COM1
RFHI
RFLO
MXOP
LOHI
COM2
VMID
PRUP
LMOP
COM3
RSSI
IFLO
VPS2
FDBK
IFHI
VPOS
LO IN
RF IN
IF OUT
NC
NC
0.1µF
1nF
51.1
1nF
332
301
0.1µF
54.9
51.1
1nF
0.1µF
332
10nF
100
18nF
18nF
47k
NC = NO CONNECT
Figure 2. Mixer Test Board Schematic
INPUT POWER – dBm
4.0
–4.0
–80 –70
10
–60 –50 –40
–20 –10
0
–30
3.0
0
–1.0
–2.0
–3.0
2.0
1.0
5V
3V
Figure 8. RSSI Error vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com