Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 10 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices AD608 Datasheet HTML 10Page - Analog Devices AD608 Datasheet HTML 11Page - Analog Devices AD608 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
–10–
AD608
Applications
Figure 22 shows the AD608 configured for operation in a digital
system at a 10.7 MHz IF. The filter’s input and output imped-
ance are parallel terminated using 330
Ω resistors and the con-
version gain is 24 dB. The RF port is terminated in 50
Ω; in a
typical application the input would be matched to a SAW filter
using the impedance data shown previously in Table I.
Figure 23 shows the AD608 configured for narrowband FM op-
eration at a 450 kHz or 455 kHz with an external discriminator.
The IF filter has 1500
Ω input and output impedances— the
input is matched via a resistive divider and the output is termi-
nated in 1500
Ω. The discriminator requires 1 V p-p drive from
a 1 k
Ω source impedance, here provided by a gain-of-2.5 Class
A amplifier.
10.7MHz BPF Z = 330
Ω
R2
330
Ω
C5
0.1µF
R1
330
Ω
C2
100pF
C3
100pF
C4
100pF
C1
1µF
VPOS
LIMO
C6
10nF
SUPPLY
2.7V TO 5.5V
POWER-UP
3V CMOS
LIMITER
OUTPUT
VPOS –1V
±200mV
RSSI OUTPUT
+0.2V TO +1.8V
(20mV/dB)
LO INPUT
–16dBm
RF INPUT
–95dBm
TO
–15dBm
BIAS POINT
AT VPOS/2
IF BIAS POINT
DECOUPLING
BPF REVERSE
TERMINATION
OFFSET-CONTROL
LOOP FILTER
BPF
TERMINATION
C7
18nF
16
15
12
11
10
14
13
9
1
2
5
6
7
3
4
8
AD608
VPS1
COM1
RFHI
RFLO
MXOP
LOHI
COM2
VMID
PRUP
LMOP
COM3
RSSI
IFLO
VPS2
FDBK
IFHI
R3
100
Ω
R4
47k
Ω
R6
51.1
Ω
R5
51.1
Ω
Figure 22. Application at 10.7 MHz. The Bandpass Filter
Can Be a Toko Type SK107 or Murata Type SFE10.7
+5V
R1
51.1
Ω
C1 0.1µF
C2
1nF
GND
R2
51.1
Ω
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD608
VPS1
COM1
RFHI
RFLO
MXOP
LOHI
COM2
VMID
PRUP
LMOP
COM3
RSSI
IFLO
VPS2
FDBK
IFHI
R3
374
Ω
R4
1.5k
Ω
R6
1k
Ω
LOHI
RFHI
C3
1nF
R7
1130
Ω
F1
C7
0.1µF
C6 0.1µF
C8 0.1µF
C9
0.2µF
R5 200
Ω
C5 0.1µF
R14
8.66k
R15
24.9k
R13
402
R12
1k
CR1
CR2
R8
1k
R9
1k
C10
0.01µF
R11
3.3k
AUDIO
PRUP
RSSI
JUMPER
F1: TOKO HCFM2–455B
F2: MURATA CFY455S
CR1, CR2: 1N60
Q1: 2N3906
F2
R10
3.3k
Ω
R16
47k
Ω
Q1
C11
0.1µF
C4
1nF
Figure 23. Narrowband FM Application at 450 kHz or 455 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com