Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD608 Datasheet(PDF) 7 Page - Analog Devices

Part # AD608
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD608 Datasheet HTML 3Page - Analog Devices AD608 Datasheet HTML 4Page - Analog Devices AD608 Datasheet HTML 5Page - Analog Devices AD608 Datasheet HTML 6Page - Analog Devices AD608 Datasheet HTML 7Page - Analog Devices AD608 Datasheet HTML 8Page - Analog Devices AD608 Datasheet HTML 9Page - Analog Devices AD608 Datasheet HTML 10Page - Analog Devices AD608 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD608
REV. B
–7–
THEORY OF OPERATION
The AD608 (Figure 20) consists of a mixer followed by a loga-
rithmic IF strip with RSSI and hard limited outputs. Each sec-
tion will be described below.
Mixer
The mixer is a doubly-balanced modified Gilbert cell mixer. Its
maximum input level for linear operation is
±56.2 mV regard-
less of the impedance across the mixer’s inputs, or –15 dBm for
a 50
Ω input termination. The input impedance of the mixer
can be modeled as a simple parallel RC network; the values ver-
sus frequency are listed in Table I. The bandwidth from the RF
input to the IF output at MXOP pin is –1 dB at 30 MHz and
then falls off rapidly (Figure 4).
Mixer Gain
The mixer’s conversion gain is the product of its transcon-
ductance and the impedance seen at pin MXOP. For a 330
Ω
parallel-terminated filter at 10.7 MHz, the load impedance is
165
Ω, the gain is 24 dB, and the output is 15.85 × 56.2 mV, or
±891 mV, centered on the midpoint of the supply voltage. For
other load impedances, the expression for the gain in dB is
G
dB = 20 log10
0.0961 R
L
()
The mixer’s gain can be increased or decreased by changing RL,
the load impedance at pin MXOP. The limitations on the
mixer’s gain are the
±6 mA maximum output current at MXOP
and the maximum allowable voltage swing at pin MXOP, which
is
±1.0 V for a 3 V supply or 5 V supply.
Table I. Mixer Input Impedance vs. Frequency
Frequency
Resistance
Capacitance
(MHz)
(Ohms)
(pF)
45
2800
3.1
70
2600
3.1
100
1800
3.1
200
1200
3.1
300
760
3.2
400
520
3.4
500
330
3.6
24dB MIXER GAIN
110dB LIMITER GAIN
90dB RSSI
BIAS
MXOP
MIXER
BPF
DRIVER
VMID
LO
PREAMP
AD608
RFHI
RFLO
IF INPUT
–75dBm TO
+15dBm 2.
IFHI
IFLO
LMOP
VPS2
RSSI
FDBK
COM3
FINAL
LIMITER
100nF
10nF
330
Ω
±50µA
10.7MHz
BANDPASS
FILTER
330
Ω
MID-SUPPLY
IF BIAS
6
5
7
8
10
9
13
14
12
15
11
1
2
3
4
16
LIMITER
OUTPUT
400mVp-p
PRUP
RF INPUT
–95 TO
–15dBm 1.
VPS1 COM1
COM2
LOIP
RSSI OUTPUT
20mV/dB
0.2V TO 1.8V
3dB NOMINAL
INSERTION LOSS
+2.7V TO 5.5V
5-STAGE IF AMPLIFIER
(16dB PER STAGE)
7 FULL-WAVE
RECTIFIER CELLS
≈
≈
+2.7V TO 5.5V
LO INPUT
–16dBm
CMOS LOGIC
INPUT
±6mA MAX OUTPUT
(
±890mV INTO 165Ω)
100
Ω
18nF
1. –15dBm =
±56mV MAX FOR LINEAR OPERATION
2. 39.76mV RMS TO 396.6mV RMS FOR
±1 dB
RSSI ACCURACY
NOTES:
Figure 20. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com