Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 13Page - Analog Devices AD9888/PCB Datasheet HTML 14Page - Analog Devices AD9888/PCB Datasheet HTML 15Page - Analog Devices AD9888/PCB Datasheet HTML 16Page - Analog Devices AD9888/PCB Datasheet HTML 17Page - Analog Devices AD9888/PCB Datasheet HTML 18Page - Analog Devices AD9888/PCB Datasheet HTML 19Page - Analog Devices AD9888/PCB Datasheet HTML 20Page - Analog Devices AD9888/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
REV. A
AD9888
–17–
8 PIPE DELAY
P0
P1
P2
P3
P4
P5
P6
P7
U0
V1
U2
V3
U4
RGBIN
HSYNC
PXCK
HS
ADCCK
DATACK
ROUTA
HSOUT
Y0
Y1
Y2
Y3
Y4
GOUTA
VARIABLE DURATION
Figure 22. 4:2:2 Output Mode
2-WIRE SERIAL REGISTER MAP
The AD9888 is initialized and controlled by a set of registers, which determine the operating modes. An external controller is
employed to write and read the Control Registers through the 2-line serial interface port.
Table V. Control Register Map
Read and
Hex
Write or
Default
Address
Read Only
Bits
Value
Register Name
Function
00H
RO
7:0
Chip Revision
An 8-bit register which represents the silicon revision level. Revision 0
= 0000 0000.
01H
R/
W
7:0
01101001 PLL Div MSB
This register is for Bits [11:4] of the PLL divider. Larger values mean the
PLL operates at a faster rate. This register should be loaded first whenever
a change is needed. (This will give the PLL more time to lock.) See Note
1.
02H
R/
W
7:4
1101
**** PLL Div LSB
Bits [7:4] LSBs of the PLL divider word. See Note 1.
03H
R/
W
7:2
01
****** VCO/CPMP
Bits [7:6] VCO Range. Selects VCO frequency range. (See PLL description.)
**001***
Bits [5:3] Charge Pump Current. Varies the current that drives the low-
pass filter. (See PLL description.)
04H
R/
W
7:3
10000
*** Phase Adjust
ADC Clock phase adjustment. Larger values mean more delay. (1 LSB =
T/32)
05H
R/
W
7:0
00001000 Clamp Placement Places the Clamp signal an integer number of clock periods after the trail-
ing edge of the Hsync signal.
06H
R/
W
7:0
00010100 Clamp Duration
Number of clock periods that the Clamp signal is actively clamping.
07H
R/
W
7:0
00100000 Hsync Output
Sets the number of pixel clocks that HSOUT will remain active.
Pulsewidth
08H
R/
W
7:0
10000000 Red Gain
Controls ADC input range (Contrast) of each respective channel. Bigger
values give less contrast.
09H
R/
W
7:0
10000000 Green Gain
0AH
R/
W
7:0
10000000 Blue Gain
0BH
R/
W
7:1
1000000
* Red Offset
Controls dc offset (Brightness) of each respective channel. Bigger values
decrease brightness.
0CH
R/
W
7:1
1000000
* Green Offset
0DH
R/
W
7:1
1000000
* Blue Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com