Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 23Page - Analog Devices AD9888/PCB Datasheet HTML 24Page - Analog Devices AD9888/PCB Datasheet HTML 25Page - Analog Devices AD9888/PCB Datasheet HTML 26Page - Analog Devices AD9888/PCB Datasheet HTML 27Page - Analog Devices AD9888/PCB Datasheet HTML 28Page - Analog Devices AD9888/PCB Datasheet HTML 29Page - Analog Devices AD9888/PCB Datasheet HTML 30Page - Analog Devices AD9888/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
REV. A
AD9888
–27–
Sync Processing
Table XLII. Control of the Sync Block Muxes via the
Serial Register
Mux
Serial Bus
Control Bit
Number(s) Control Bit State
Result
1 and 2
0EH: Bit 3
0
Pass HSYNC
1
Pass Sync-on-Green
3
0FH: Bit 5
0
Pass COAST
1
Pass Vsync
4
0EH: Bit 0
0
Pass Vsync
1
Pass Sync Separator
Signal
5
15H: Bit 3
0
Pass Channel 0 Inputs
1
Pass Channel 1 Inputs
Sync Slicer
The purpose of the sync slicer is to extract the sync signal from
the green graphics channel. A sync signal is not present on all
graphics systems, only those with Sync-on-Green. The sync
signal is extracted from the green channel in a two-step process.
First, the SOG input is clamped to its negative peak (typically
0.3 V below the black level). Next, the signal goes to a comparator
with a variable trigger level, nominally 0.15 V above the clamped
level. The “sliced” sync is typically a composite sync signal
containing both Hsync and Vsync.
Sync Separator
A sync separator extracts the Vsync signal from a composite sync
signal. It does this through a low-pass filter-like or integrator-
like operation. It works on the idea that the Vsync signal stays
active for a much longer time than the Hsync signal. So, it rejects
any signal shorter than a threshold value, which is somewhere
between an Hsync pulsewidth and a Vsync pulsewidth.
The sync separator on the AD9888 is an 8-bit digital counter
with a 5 MHz clock. It works independently of the polarity of
the composite sync signal. (Polarities are determined elsewhere
on the chip.) The basic idea is that the counter counts up when
Hsync pulses are present. But since Hsync pulses are relatively
short in width, the counter only reaches a value of N before the
pulse ends. It then starts counting down eventually reaching 0
before the next Hsync pulse arrives. The specific value of N will
vary for different video modes, but will always be less than 255.
For example, with a 1
µs width Hsync, the counter will only
reach 5 (1
µs/200 ns = 5). Now, when Vsync is present on the
composite sync, the counter will also count up. However, since
the Vsync signal is much longer, it will count to a higher num-
ber M. For most video modes, M will be at least 255. So, Vsync
can be detected on the composite sync signal by detecting when
the counter counts to higher than N. The specific count that
triggers detection (T) can be programmed through the serial
register (0fh).
Once Vsync has been detected, there is a similar process to
detect when it goes inactive. At detection, the counter first
resets to 0, then starts counting up when Vsync goes away.
Similar to the previous case, it will detect the absence of Vsync
when the counter reaches the threshold count (T). In this
way, it will reject noise and/or serration pulses. Once Vsync is
detected to be absent, the counter resets to 0 and begins the
cycle again.
PCB LAYOUT RECOMMENDATIONS
The AD9888 is a high-precision, high-speed analog device. To
get the maximum performance out of the part, it is important to
have a well laid-out board. The following is a guide for design-
ing a board using the AD9888.
Analog Interface Inputs
Using the following layout techniques on the graphics inputs is
extremely important.
Minimize the trace length running into the graphics inputs. This
is accomplished by placing the AD9888 as close as possible to
the graphics (VGA) connector. Long input trace lengths are
undesirable because they will pick up more noise from the board
and other external sources.
Place the 75
Ω termination resistors (see Figure 1) as close to
the AD9888 chip as possible. Any additional trace length between
the termination resistors and the input of the AD9888 increases the
magnitude of reflections, which will corrupt the graphics signal.
Use 75
Ω matched impedance traces. Trace impedances other
than 75
Ω will also increase the chance of reflections.
The AD9888 has very high input bandwidth (500 MHz). While
this is desirable for acquiring a high resolution PC graphics signal
with fast edges, it means that it will also capture any high-
frequency noise present. Therefore, it is important to reduce the
amount of noise that gets coupled to the inputs. Avoid running
any digital traces near the analog inputs.
tBUFF
tSTAH
tDHO
tDAL
tDAH
tDSU
tSTASU
tSTOSU
SCL
SDA
Figure 23. Serial Port Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com