Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 14Page - Analog Devices AD9888/PCB Datasheet HTML 15Page - Analog Devices AD9888/PCB Datasheet HTML 16Page - Analog Devices AD9888/PCB Datasheet HTML 17Page - Analog Devices AD9888/PCB Datasheet HTML 18Page - Analog Devices AD9888/PCB Datasheet HTML 19Page - Analog Devices AD9888/PCB Datasheet HTML 20Page - Analog Devices AD9888/PCB Datasheet HTML 21Page - Analog Devices AD9888/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. A
AD9888
–18–
Table V. Control Register Map (continued)
Read and
Hex
Write or
Default
Address
Read Only
Bits
Value
Register Name
Function
0EH
R/
W
7:0
0
******* Sync Control
Bit 7—Hsync Polarity Override. (Logic 0 = Polarity determined by chip,
Logic 1 = Polarity set by Bit 6 in Register 0Eh.)
*1******
Bit 6—Hsync Input Polarity. Indicates to the PLL the polarity of the incom-
ing Hsync signal. (Logic 0 = active low, Logic 1 = active high.)
**0*****
Bit 5—Hsync Output Polarity. (Logic 0 = Logic High Sync, Logic 1 =
Logic Low Sync).
***0****
Bit 4—Active Hsync Override. If set to Logic 1, the user can select the
Hsync to be used via Bit 3. If set to Logic 0, the active interface is selected
via Bit 6 in Register 14H.
****0***
Bit 3—Active Hsync select. Logic 0 selects Hsync as the active sync. Logic
1 selects Sync-on-Green as the active sync. Note: the indicated Hsync will
be used only if Bit 4 is set to Logic 1 or if both syncs are active (Bits 1, 7 =
Logic 1 in Register 14H).
*****0**
Bit 2—Vsync Output Invert. (Logic 0 = No Invert, Logic 1 = Invert.)
******0*
Bit 1—Active Vsync override. If set to Logic 1, the user can select the Vsync
to be used via Bit 0. If set to Logic 0, the active interface is selected via Bit
3 in Register 14H.
*******0
Bit 0—Active Vsync select. Logic 0 selects Raw Vsync as the output Vsync.
Logic 1 selects Sync Separated Vsync as the output Vsync. Note: the indi-
cated Vsync will be used only if Bit 1 is set to Logic 1.
0FH
R/
W
7:1
0
*******
Bit 7—Clamp Function. Chooses between Hsync for Clamp signal or an-
other external signal to be used for clamping. (Logic 0 = Hsync, Logic 1 =
Clamp.)
*1******
Bit 6—Clamp Polarity. Valid only with external Clamp signal. (Logic 0 =
active high, Logic 1 selects active low.)
**0*****
Bit 5—COAST select. Logic 0 selects the coast input pin to be used for the
PLL coast. Logic 1 selects Vsync to be used for the PLL coast.
***0****
Bit 4—COAST Polarity Override. (Logic 0 = Polarity determined by chip,
Logic 1 = Polarity set by Bit 3 in register 0Fh.)
****1***
Bit 3—COAST Polarity. Changes polarity of external COAST signal.
(Logic = 0 = active low, Logic 1 = active high.)
*****1**
Bit 2—Seek Mode Override. (Logic 1 = allow low-power mode, Logic 0 =
disallow low-power mode.)
******1*
Bit 1—
PWRDN. Full Chip Power Down, active low. (Logic 0 = Full Chip
Power Down, Logic 1 = normal.)
10H
R/
W
7:3
01111
*** Sync-on-Green
Sync-on-Green Threshold – Sets the voltage level of the Sync-on-Green
Threshold
slicer’s comparator.
*****0**
Bit 2—Red Clamp Select – Logic 0 selects clamp to ground. Logic 1 selects
clamp to midscale (voltage at Pin 9).
******0*
Bit 1—Blue Clamp Select – Logic 0 selects clamp to ground. Logic 1 selects
clamp to midscale (voltage at Pin 24).
*******0
Bit 0—Must be set to 1 for proper operation.
11H
R/
W
7:0
00100000 Sync Separator
Sync Separator Threshold – Sets how many internal 5 MHz clock periods the
Threshold
sync separator will count to before toggling high or low. This should be set to
some number greater than the maximum Hsync or equalization pulsewidth.
12H
R/
W
7:0
00000000 Pre-COAST
Pre-COAST – Sets the number of Hsync periods that coast becomes active
prior to Vsync.
13H
R/
W
7:0
00000000 Post-COAST
Post-COAST – Sets the number of Hsync periods that coast stays active
following Vsync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com