Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 26 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 22Page - Analog Devices AD9888/PCB Datasheet HTML 23Page - Analog Devices AD9888/PCB Datasheet HTML 24Page - Analog Devices AD9888/PCB Datasheet HTML 25Page - Analog Devices AD9888/PCB Datasheet HTML 26Page - Analog Devices AD9888/PCB Datasheet HTML 27Page - Analog Devices AD9888/PCB Datasheet HTML 28Page - Analog Devices AD9888/PCB Datasheet HTML 29Page - Analog Devices AD9888/PCB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
REV. A
AD9888
–26–
2-WIRE SERIAL CONTROL PORT
A 2-wire serial interface control interface is provided. Up to two
AD9888 devices may be connected to the 2-wire serial interface,
with each device having a unique address.
The 2-wire serial interface comprises a clock (SCL) and a bidirec-
tional data (SDA) pin. The AD9888 acts as a slave for receiving
and transmitting data over the serial interface. When the serial
interface is not active, the logic levels on SCL and SDA are
pulled HIGH by external pull-up resistors.
Data received or transmitted on the SDA line must be stable for
the duration of the positive-going SCL pulse. Data on SDA must
change only when SCL is LOW. If SDA changes state while SCL is
HIGH, the serial interface interprets that action as a start or stop
sequence.
There are six components to serial bus operation:
Start signal
Slave address byte
Base register address byte
Data byte to read or write
Stop signal
When the serial interface is inactive (SCL and SDA are HIGH),
communications are initiated by sending a start signal. The start
signal is a HIGH-to-LOW transition on SDA while SCL is HIGH.
This signal alerts all slaved devices that a data transfer sequence
is coming.
The first eight bits of data transferred after a start signal comprise
a 7-bit slave address (the first seven bits) and a single R/
W bit
(the eighth bit). The R/
W bit indicates the direction of data transfer,
read from (1) or write to (0) the slave device. If the transmitted slave
address matches the address of the device (set by the state of the A0
input pin in Table XLI), the AD9888 acknowledges by bringing
SDA LOW on the ninth SCL pulse. If the addresses do not match,
the AD9888 does not acknowledge
Table XLI. Serial Port Addresses
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
A6
A5
A4
A3
A2
A1
A0
1
0
0110
0
1
0
0110
1
Data Transfer via Serial Interface
For each byte of data read or written, the MSB is the first bit of
the sequence.
If the AD9888 does not acknowledge the master device during a
write sequence, the SDA remains HIGH so the master can
generate a stop signal. If the master device does not acknowledge
the AD9888 during a read sequence, the AD9888 interprets this
as “end of data.” The SDA remains HIGH so the master can
generate a stop signal.
Writing data to specific control registers of the AD9888 requires
that the 8-bit address of the control register of interest be writ-
ten after the slave address has been established. This control
register address is the base address for subsequent write opera-
tions. The base address autoincrements by one for each byte of
data written after the data byte intended for the base address. If
more bytes are transferred than there are available addresses, the
address will not increment and remain at its maximum value of
19h. Any base address higher than 19h will not produce an
ACKnowledge signal.
Data are read from the control registers of the AD9888 in a
similar manner. Reading requires two data transfer operations.
The base address must be written with the R/
W bit of the slave
address byte LOW to set up a sequential read operation.
Reading (the R/
W bit of the slave address byte HIGH) begins at
the previously established base address. The address of the read
register autoincrements after each byte is transferred.
To terminate a read/write sequence to the AD9888, a stop sig-
nal must be sent. A stop signal comprises a LOW-to-HIGH
transition of SDA while SCL is HIGH.
A repeated start signal occurs when the master device driving
the serial interface generates a start signal without first generat-
ing a stop signal to terminate the current communication. This
is used to change the mode of communication (read, write)
between the slave and master without releasing the serial inter-
face lines.
Serial Interface Read/Write Examples
Write to One Control Register
Start Signal
Slave Address Byte (R/
W Bit = LOW)
Base Address Byte
Data Byte to Base Address
Stop Signal
Write to Four Consecutive Control Registers
Start Signal
Slave Address Byte (R/
W Bit = LOW)
Base Address Byte
Data Byte to Base Address
Data Byte to (Base Address + 1)
Data Byte to (Base Address + 2)
Data Byte to (Base Address + 3)
Stop Signal
Read from One Control Register
Start Signal
Slave Address Byte (R/
W Bit = LOW)
Base Address Byte
Start Signal
Slave Address Byte (R/
W Bit = HIGH)
Data Byte from Base Address
Stop Signal
Read from Four Consecutive Control Registers
Start Signal
Slave Address Byte (R/
W bit = LOW)
Base Address Byte
Start Signal
Slave Address Byte (R/
W Bit = HIGH)
Data Byte from Base Address
Data Byte from (Base Address + 1)
Data Byte from (Base Address + 2)
Data Byte from (Base Address + 3)
Stop Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com