Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 21Page - Analog Devices AD9888/PCB Datasheet HTML 22Page - Analog Devices AD9888/PCB Datasheet HTML 23Page - Analog Devices AD9888/PCB Datasheet HTML 24Page - Analog Devices AD9888/PCB Datasheet HTML 25Page - Analog Devices AD9888/PCB Datasheet HTML 26Page - Analog Devices AD9888/PCB Datasheet HTML 27Page - Analog Devices AD9888/PCB Datasheet HTML 28Page - Analog Devices AD9888/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
REV. A
AD9888
–25–
MODE CONTROL 1
15
7
Channel Mode
A bit that determines whether all pixels are presented to a
single port (A), or alternating pixels are demultiplexed to
Ports A and B.
Table XXXIII. Channel Mode Settings
DEMUX
Function
0
All data goes to Port A.
1
Alternate pixels go to Port A and Port B.
When DEMUX = 0, Port B outputs are in a high-
impedance state. The maximum data rate for single-port
mode is 110 MHz. The timing diagrams starting with
Figure 13 show the effects of this option.
The power-up default value is 1.
15
6
Output Mode
A bit that determines whether all pixels are presented to Port A
and Port B simultaneously on every second DATACK
rising edge, or alternately on Port A and Port B on successive
DATACK rising edges.
Table XXXIV. Output Mode Settings
PARALLEL
Function
0
Data is interleaved.
1
Data is simultaneous on every other data
clock.
When in single port mode (DEMUX = 0), this bit is
ignored. The timing diagrams (Figure 17) show the effects
of this option.
The power-up default value is PARALLEL = 1.
15
5
Output Port Phase
One bit that determines whether even pixels or odd pixels
go to Port A.
Table XXXV. Output Port Phase Settings
OUTPHASE
First Pixel after Hsync
0
Port A
1
Port B
In normal operation (OUTPHASE = 0), when operating
in dual-port output mode (DEMUX = 1), the first sample
after the Hsync leading edge is presented at Port A. Every
subsequent ODD sample appears at Port A. All EVEN
samples go to Port B.
When OUTPHASE = 1, these ports are reversed and the
first sample goes to Port B.
When DEMUX = 0, this bit is ignored as data always
comes out of only Port A.
15
4
4:2:2 Output Mode Select
A bit that configures the output data in 4:2:2 mode. This
mode can be used to reduce the number of data lines used
from 24 down to 16 for applications using YUV, YCbCr,
or YPbPr graphics signals. A timing diagram for this mode
is shown in Figure 12. Recommended input and output
configurations are shown in Table XXXVII. In 4:2:2
mode, the red and blue channels can be interchanged to
help satisfy board layout or timing requirements, but the
green channel must be configured for Y.
Table XXXVI. 4:2:2 Output Mode Select
Select
Output Mode
0
4:4:4
1
4:2:2
Table XXXVII. 4:2:2 Input/Output Configuration
Channel
Input Connection
Output Format
Red
V
U/V
Green
Y
Y
Blue
U
High Impedance
15
3
Input Mux Control
A bit that selects either analog inputs from Channel 0 or
the analog inputs from Channel 1.
Table XXXVIII. Input Mux Control
Control
Channel Selected
0
Channel 0
1
Channel 1
15
2-1
Analog Bandwidth Control
Two bits that select the analog bandwidth.
Table XXXIX. Analog Bandwidth Control
Bit 2
Bit 1
Analog Bandwidth
1
1
500 MHz
1
0
300 MHz
0
1
150 MHz
0
0
75 MHz
15
0
External Clock Select
A bit that determines the source of the pixel clock.
Table XL. External Clock Select Settings
EXTCLK
Function
0
Internally Generated Clock
1
Externally Provided Clock Signal
A Logic 0 enables the internal PLL that generates the
pixel clock from an externally provided HSYNC.
A Logic 1 enables the external CKEXT input pin. In this
mode, the PLL Divide Ratio (PLLDIV) is ignored. The
clock phase adjust (PHASE) is still functional.
The power-up default value is EXTCLK = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com