Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 20Page - Analog Devices AD9888/PCB Datasheet HTML 21Page - Analog Devices AD9888/PCB Datasheet HTML 22Page - Analog Devices AD9888/PCB Datasheet HTML 23Page - Analog Devices AD9888/PCB Datasheet HTML 24Page - Analog Devices AD9888/PCB Datasheet HTML 25Page - Analog Devices AD9888/PCB Datasheet HTML 26Page - Analog Devices AD9888/PCB Datasheet HTML 27Page - Analog Devices AD9888/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. A
AD9888
–24–
14
7
Hsync Detect
This bit is used to indicate when activity is detected on
the selected Hsync input pin. If HSYNC is held high or
low, activity will not be detected.
Table XXV. Hsync Detection Results
Detect
Function
0
No Activity Detected
1
Activity Detected
The sync processing block diagram shows where this
function is implemented.
14
6
AHS – Active Hsync
This bit indicates which Hsync input source is being used
by the PLL (Hsync input or Sync-on-Green). Bits 7 and 1
in this register are what determine which source is used. If
both Hsync and SOG are detected, the user can determine
which has priority via Bit 3 in Register 0EH. The user can
override this function via Bit 4 in Register 0EH. If the
override bit is set to Logic 1, then this bit will be forced to
whatever the state of Bit 3 in register 0EH is set to.
Table XXVI. Active Hsync Results
Bit 7
Bit 1
Bit 4, Reg
(Hsync
(SOG
OEH
Detect)
Detect)
(Override)
AHS
0
0
0
Bit 3 in 0EH
01
0
1
10
0
0
1
1
0
Bit 3 in 0EH
X
X
1
Bit 3 in 0EH
AHS = 0 means use the HSYNC pin input for HSYNC.
AHS = 1 means use the SOG pin input for HSYNC.
The override bit is in Register 0EH, Bit 4.
14
5
Detected Hsync Input Polarity Status
This bit reports the status of the HSYNC input polarity
detection circuit. It can be used to determine the polarity
of the HSYNC input. The detection circuit’s location is
shown in the Sync Processing Block Diagram (Figure 25).
Table XXVII. Detected Hsync Input Polarity Status
HSYNC Polarity Status
Result
0
Hsync Polarity is Negative.
1
Hsync Polarity is Positive.
14
4
Vsync Detect
This bit is used to indicate when activity is detected on
the selected Vsync input pin. If Vsync is held high or low,
activity will not be detected.
Table XXVIII. Vsync Detection Results
Detect
Function
0
No Activity Detected
1
Activity Detected
The sync processing block diagram (Figure 25) shows where
this function is implemented.
14
3
AVS – Active Vsync
This bit indicates which Vsync source is being used; the
Vsync input or the output from the sync separator. Bit 4
in this register is what determines which is active. If both
Vsync and SOG are detected, the user can determine
which has priority via Bit 0 in Register 0EH. The user can
override this function via Bit 1 in Register 0EH. If the
override bit is set to Logic 1, this bit will be forced to
whatever the state of Bit 0 in Register 0EH is set to.
Table XXIX. Active Vsync Results
Bit 5 (Vsync Detect)
Override
AVS
00
1
10
0
X
1
Bit 0 in 0EH
AVS = 1 means Sync separator.
AVS = 0 means Vsync input.
The override bit is in Register 0EH, Bit 1.
14
2
Detected Vsync Output Polarity Status
This bit reports the status of the Vsync output polarity
detection circuit. It can be used to determine the polarity
of the Vsync input. The detection circuit’s location is
shown in the Sync Processing Block Diagram (Figure 25).
Table XXX. Detected Vsync Input Polarity Status
Vsync Polarity Status
Result
0
Vsync Polarity is Active Low
1
Vsync Polarity is Active High
14
1
Sync-on-Green Detect
This bit is used to indicate when Sync activity is detected
on the selected Sync-on-Green input pin.
Table XXXI. Sync-on-Green Detection Results
Detect
Function
0
No Activity Detected
1
Activity Detected
The Sync Processing Block Diagram (Figure 25) shows
where this function is implemented.
14
0
Detected COAST Polarity Status
This bit reports the status of the coast input polarity de-
tection circuit. It can be used to determine the polarity
of the COAST input. The detection circuit’s location is
shown in Figure 25.
Table XXXII. Detected COAST Input Polarity Status
HSYNC Polarity Status
Result
0
COAST Polarity is Negative.
1
COAST Polarity is Positive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com