Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 16Page - Analog Devices AD9888/PCB Datasheet HTML 17Page - Analog Devices AD9888/PCB Datasheet HTML 18Page - Analog Devices AD9888/PCB Datasheet HTML 19Page - Analog Devices AD9888/PCB Datasheet HTML 20Page - Analog Devices AD9888/PCB Datasheet HTML 21Page - Analog Devices AD9888/PCB Datasheet HTML 22Page - Analog Devices AD9888/PCB Datasheet HTML 23Page - Analog Devices AD9888/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. A
AD9888
–20–
2-WIRE SERIAL CONTROL REGISTER DETAIL CHIP
IDENTIFICATION
00
7-0
Chip Revision
An 8-bit register that represents the silicon revision.
Revision 0 = 0000 0000, Revision 1 = 0000 0001.
PLL DIVIDER CONTROL
01
7-0
PLL Divide Ratio MSBs
The eight most significant bits of the 12-bit PLL divide ratio
PLLDIV. (The operational divide ratio is PLLDIV + 1.)
The PLL derives a master clock from an incoming Hsync
signal. The master clock frequency is then divided by an
integer value, such that the output is phase-locked to Hsync.
This PLLDIV value determines the number of pixel times
(pixels plus horizontal blanking overhead) per line. This is
typically 20% to 30% more than the number of active pixels
in the display.
The 12-bit value of the PLL divider supports divide ratios
from 2 to 4095. The higher the value loaded in this regis-
ter, the higher the resulting clock frequency with respect
to a fixed Hsync frequency.
VESA has established standard timing specifications, which
will assist in determining the value for PLLDIV as a func-
tion of horizontal and vertical display resolution and frame
rate (Table IV).
However, many computer systems do not conform pre-
cisely to the recommendations, and these numbers should
be used only as a guide. The display system manufacturer
should provide automatic or manual means for optimizing
PLLDIV. An incorrectly set PLLDIV will usually produce
one or more vertical noise bars on the display. The greater
the error, the greater the number of bars produced.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69h, PLLDIVL = Dxh).
The AD9888 updates the full divide ratio only when the
LSBs are changed. Writing to this register by itself will
not trigger an update.
02
7-4
PLL Divide Ratio LSBs
The four least significant bits of the 12-bit PLL divide
ratio PLLDIV. The operational divide ratio is PLLDIV + 1.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69h, PLLDIVL = Dxh).
The AD9888 updates the full divide ratio only when this
register is written to.
CLOCK GENERATOR CONTROL
03
7-6
VCO Range Select
Two bits that establish the operating range of the clock
generator.
VCORNGE must be set to correspond with the desired
operating frequency (incoming pixel rate).
The PLL gives the best jitter performance at high fre-
quencies. For this reason, in order to output low pixel
rates and still get good jitter performance, the PLL actu-
ally operates at a higher frequency but then divides down
the clock rate afterwards. Table VI shows the pixel rates
for each VCO range setting. The PLL output divisor is
automatically selected with the VCO range setting.
Table VI. VCO Ranges
VCORNGE
Pixel Rate Range
00
10–45
01
45–90
10
90–150
11
150+
The power-up default value is 01.
03
5-3
Charge Pump Current
Three bits that establish the current driving the loop filter
in the clock generator.
Table VII. Charge Pump Currents
CURRENT
Current ( A)
000
50
001
100
010
150
011
250
100
350
101
500
110
750
111
1500
CURRENT must be set to correspond with the desired
operating frequency (incoming pixel rate).
The power-up default value is CURRENT = 001.
04
7-3
Clock Phase Adjust
A five-bit value that adjusts the sampling phase in 32 steps
across one pixel time. Each step represents an 11.25
° shift
in sampling phase.
The power-up default value is 16.
CLAMP TIMING
05
7-0
Clamp Placement
An 8-bit register that sets the position of the internally
generated clamp.
When the external clamp control bit is set to 0, a clamp
signal is generated internally, at a position established by
the clamp placement and for a duration set by the clamp
duration. Clamping is started (Clamp Placement) pixel
periods after the trailing edge of Hsync. The clamp place-
ment may be programmed to any value up to 255, except 0.
The clamp should be placed during a time that the input
signal presents a stable black-level reference, usually the
back porch period between Hsync and the image.
When the external clamp control bit is set to 1, this regis-
ter is ignored.
06
7-0
Clamp Duration
An 8-bit register that sets the duration of the internally
generated clamp.
When the external clamp control bit is set to 0, a clamp
signal is generated internally, at a position established by
the clamp placement and for a duration set by the clamp
duration. Clamping is started (Clamp Placement) pixel
periods after the trailing edge of Hsync, and continues for
(Clamp Duration) pixel periods. The clamp duration may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com