Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 17Page - Analog Devices AD9888/PCB Datasheet HTML 18Page - Analog Devices AD9888/PCB Datasheet HTML 19Page - Analog Devices AD9888/PCB Datasheet HTML 20Page - Analog Devices AD9888/PCB Datasheet HTML 21Page - Analog Devices AD9888/PCB Datasheet HTML 22Page - Analog Devices AD9888/PCB Datasheet HTML 23Page - Analog Devices AD9888/PCB Datasheet HTML 24Page - Analog Devices AD9888/PCB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. A
AD9888
–21–
be programmed to any value between 1 and 255. A value
of 0 is not supported.
For the best results, the clamp duration should be set to
include the majority of the black reference signal time that
follows the Hsync signal trailing edge. Insufficient clamp-
ing time can produce brightness changes at the top of the
screen, and a slow recovery from large changes in the
Average Picture Level (APL), or brightness.
When the external clamp control bit is set to 1, this regis-
ter is ignored.
Hsync PULSEWIDTH
07
7-0
Hsync Output Pulsewidth
An 8-bit register that sets the duration of the Hsync
output pulse.
The leading edge of the Hsync output is triggered by the
internally generated, phase-adjusted PLL feedback clock.
The AD9888 then counts a number of pixel clocks equal
to the value in this register. This triggers the trailing edge
of the Hsync output, which is also phase-adjusted.
INPUT GAIN
08
7-0
Red Channel Gain Adjust
An 8-bit word that sets the gain of the RED channel.
The AD9888 can accommodate input signals with a
full-scale range of between 0.5 V and 1.0 V p-p. Set
ting REDGAIN to 255 corresponds to an input range
of 1.0 V. A REDGAIN of 0 establishes an input range
of 0.5 V. Note that INCREASING REDGAIN results
in the picture having LESS CONTRAST (the input
signal uses fewer of the available converter codes). See
Figure 2.
09
7-0
Green Channel Gain Adjust
An 8-bit word that sets the gain of the GREEN channel.
See REDGAIN (08).
0A
7-0
Blue Channel Gain Adjust
An 8-bit word that sets the gain of the BLUE channel.
See REDGAIN (08).
INPUT OFFSET
0B
7-1
Red Channel Offset Adjust
A 7-bit offset binary word that sets the dc offset of the
RED channel. One LSB of offset adjustment equals ap
proximately one LSB change in the ADC offset. There
fore, the absolute magnitude of the offset adjustment
scales as the gain of the channel is changed. A nominal
setting of 63 results in the channel nominally clamping
the back porch (during the clamping interval) to code 00.
An offset setting of 127 results in the channel clamping to
code 64 of the ADC. An offset setting of 0 clamps to code
–63 (off the bottom of the range). Increasing the value of
Red Offset decreases the brightness of the channel.
0C
7-1
Green Channel Offset Adjust
A 7-bit offset binary word that sets the dc offset of the
GREEN channel. See REDOFST (0B).
0D
7-1
Blue Channel Offset Adjust
A 7-bit offset binary word that sets the dc offset of the
BLUE channel. See REDOFST (0B).
0E
7
Hsync Input Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the Hsync signal going into the PLL.
Table VIII. Hsync Input Polarity Override Settings
Override Bit
Result
0
Hsync Polarity Determined by Chip
1
Hsync Polarity Determined by User
The default for Hsync polarity override is 0 (polarity
determined by chip).
0E
6
HSPOL
Hsync Input Polarity
A bit that must be set to indicate the polarity of the Hsync
signal that is applied to the PLL Hsync input.
Table IX. Hsync Input Polarity Settings
HSPOL
Function
0
Active LOW
1
Active HIGH
Active LOW means the leading edge of the Hsync pulse is
negative-going. All timing is based on the leading edge
of Hsync, which is the falling edge. The rising edge has
no effect.
Active HIGH means the leading edge of the Hsync pulse
is positive-going. This means that timing will be based on
the leading edge of Hsync, which is now the rising edge.
The device will operate if this bit is set incorrectly, but the
internally generated clamp position, as established by
Clamp Placement (Register 05h), will not be placed as
expected, which may generate clamping errors.
The power-up default value is HSPOL = 1.
0E
5
Hsync Output Polarity
One bit that determines the polarity of the Hsync output
and the SOG output. Table X shows the effect of this
option. SYNC indicates the logic state of the sync pulse.
Table X. Hsync Output Polarity Settings
Setting
SYNC
0
Logic 1 (Positive Polarity)
1
Logic 0 (Negative Polarity)
The default setting for this register is 0.
0E
4
Active Hsync Override
This bit is used to override the automatic Hsync selection.
To override, set this bit to Logic 1. When overriding, the
active Hsync is set via Bit 3 in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com