Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 15Page - Analog Devices AD9888/PCB Datasheet HTML 16Page - Analog Devices AD9888/PCB Datasheet HTML 17Page - Analog Devices AD9888/PCB Datasheet HTML 18Page - Analog Devices AD9888/PCB Datasheet HTML 19Page - Analog Devices AD9888/PCB Datasheet HTML 20Page - Analog Devices AD9888/PCB Datasheet HTML 21Page - Analog Devices AD9888/PCB Datasheet HTML 22Page - Analog Devices AD9888/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REV. A
AD9888
–19–
Table V. Control Register Map (continued)
Read and
Hex
Write or
Default
Address
Read Only
Bits
Value
Register Name
Function
14H
RO
7:0
Sync Detect
Bit 7—Hsync Detect. It is set to Logic 1 if Hsync is present on the analog
interface, else it is set to Logic 0.
Bit 6—AHS: Active Hsync. This bit indicates which analog Hsync is being
used. (Logic 0 = Hsync input pin, Logic 1 = Hsync from sync-on-green.)
Bit 5—Input Hsync Polarity Detect. (Logic 0 = active low, Logic 1 =
active high.)
Bit 4—Vsync detect. It is set to Logic 1 if Vsync is present on the analog
interface, else it is set to Logic 0.
Bit 3—AVS: Active Vsync. This bit indicates which analog Vsync is being
used. (Logic 0 = Vsync input pin, Logic 1 = Vsync from sync separator.)
Bit 2—Output Vsync Polarity Detect. (Logic 0 = active low, Logic 1 =
active high.)
Bit 1—Sync-on-Green Detect. It is set to Logic 1 if sync is present on the
green video input, else it is set to 0.
Bit 0—Input COAST Polarity Detect. (Logic 0 = active low, Logic 1 =
active high.)
15H
R/
W
7:0
1
*******
Bit 7—Channel Mode. Determines single-channel or dual-channel output
mode. (Logic 0 = single-channel mode, Logic 1 = dual-channel mode.)
*1******
Bit 6—Output Mode. Determine interleaved or parallel output mode.
(Logic 0 = interleaved mode, Logic 1 = parallel mode.)
**0*****
Bit 5—A/B Invert. Determines which port outputs the first data byte after
Hsync. (Logic 0 = A port, Logic 1 = B port.)
***0****
Bit 4—4:2:2 Output Formatting Mode.
****0***
Bit 3—Input Mux Control.
*****11*
Bits [2:1]—Input Bandwidth.
*******0
Bit 0—External Clock. Shuts down PLL and allows external clock to drive the
part. (Logic 0 = use internal PLL, Logic 1 = bypassing of the internal PLL.)
16H
R/
W
7:0
11111111 Test Register
Must be set to 11111110 for proper operation.
17H
R/
W
7:3
00000000 Test Register
Must be set to default for proper operation.
18H
RO
7:0
Test Register
19H
RO
7:0
Test Register
NOTE
1. The AD9888 only updates the PLL divide ratio when the LSBs are written to (Register 02h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com