Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9888/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9888/PCB
Description  100/140/170/205 MSPS Analog Flat Panel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9888/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9888/PCB Datasheet HTML 24Page - Analog Devices AD9888/PCB Datasheet HTML 25Page - Analog Devices AD9888/PCB Datasheet HTML 26Page - Analog Devices AD9888/PCB Datasheet HTML 27Page - Analog Devices AD9888/PCB Datasheet HTML 28Page - Analog Devices AD9888/PCB Datasheet HTML 29Page - Analog Devices AD9888/PCB Datasheet HTML 30Page - Analog Devices AD9888/PCB Datasheet HTML 31Page - Analog Devices AD9888/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. A
AD9888
–28–
SCL
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ACK
SDA
Figure 24. Serial Interface—Typical Byte Transfer
SOGIN0
HSYNC0
COAST
MUX2
SYNC SLICER
SOGIN1
HSYNC1
NEGATIVE PEAK
CLAMP
COMP
SYNC
SYNC SEPARATOR
SOGOUT
HSYNCOUT
VSYNCOUT
ACTIVITY
DETECT
POLARITY
DETECT
POLARITY
DETECT
ACTIVITY
DETECT
POLARITY
DETECT
MUX3
MUX4
CLOCK
GENERATOR
MUX5
MUX5
ACTIVITY
DETECT
MUX1
INTEGRATOR
1/S
VSYNC0
VSYNC1
MUX5
PIXEL CLOCK
VSYNC
PLL
Figure 25. Sync Processing Block Diagram
The AD9888 can digitize graphics signals over a very wide range
of frequencies (10 MHz to 205 MHz). Often characteristics that
are beneficial at one frequency can be detrimental at another.
Analog bandwidth is one such characteristic. For UXGA resolu-
tions (up to 205 MHz), a very high analog bandwidth is desirable
because of the fast input signal slew rates. For VGA and lower
resolutions (down to 12.5 MHz), a very high bandwidth is not
desirable, because it allows excess noise to pass through. To
accommodate these varying needs, the AD9888 includes vari-
able analog bandwidth control. Four settings are available
(75 MHz, 150 MHz, 300 MHz, and 500 MHz), allowing the
analog bandwidth to be matched with the resolution of the
incoming graphics signal.
Power Supply Bypassing
It is recommended to bypass each power supply pin with a 0.1
µF
capacitor. The exception is in the case where two or more supply
pins are adjacent to each other. For these groupings of powers/
grounds, it is only necessary to have one bypass capacitor. The
fundamental idea is to have a bypass capacitor within about
0.5 cm of each power pin. Also, avoid placing the capacitor on
the opposite side of the PC board from the AD9888, as that
interposes resistive vias in the path.
The bypass capacitors should be physically located between the
power plane and the power pin. Current should flow from the
power plane => capacitor => power pin. Do not make the power
connection between the capacitor and the power pin. Placing a
via underneath the capacitor pads, down to the power plane, is
generally the best approach.
It is particularly important to maintain low noise and good
stability of PVd (the clock generator supply). Abrupt changes in
PVd can result in similarly abrupt changes in sampling clock
phase and frequency. This can be avoided by careful attention
to regulation, filtering, and bypassing. It is highly desirable to
provide separate regulated supplies for each of the analog cir-
cuitry groups (Vd and PVd).
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during horizontal and vertical sync periods). This can result in
a measurable change in the voltage supplied to the analog supply
regulator, which can in turn produce changes in the regulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com