Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 161 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 161 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 157Page - Microchip Technology MCP19111 Datasheet HTML 158Page - Microchip Technology MCP19111 Datasheet HTML 159Page - Microchip Technology MCP19111 Datasheet HTML 160Page - Microchip Technology MCP19111 Datasheet HTML 161Page - Microchip Technology MCP19111 Datasheet HTML 162Page - Microchip Technology MCP19111 Datasheet HTML 163Page - Microchip Technology MCP19111 Datasheet HTML 164Page - Microchip Technology MCP19111 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 161
MCP19111
27.4.5
SLAVE MODE 10-BIT ADDRESS
RECEPTION
This section describes a standard sequence of events
for the MSSP module configured as an I2C Slave in
10-bit Addressing mode.
Figure 27-12 is used as a visual reference for this
description.
This is a step-by-step process of what must be done
by slave software to accomplish I2C communication.
1.
Bus starts Idle.
2.
Master sends Start condition; S bit of SSPSTAT
is set; SSPIF is set, if interrupt on Start detect is
enabled.
3.
Master sends matching high address with R/W
bit clear; UA bit of the SSPSTAT register is set.
4.
Slave sends ACK and SSPIF is set.
5.
Software clears the SSPIF bit.
6.
Software reads received address from SSPBUF
clearing the BF flag.
7.
Slave
loads
low
address
into SSPADDx,
releasing SCL.
8.
Master sends matching low-address byte to the
Slave; UA bit is set.
9.
Slave sends ACK and SSPIF is set.
10. Slave clears SSPIF.
11. Slave reads the received matching address
from SSPBUF clearing BF.
12. Slave loads high address into SSPADD.
13. Master clocks a data byte to the slave and
clocks out the slaves ACK on the 9th SCL pulse;
SSPIF is set.
14. If SEN bit of SSPCON2 is set, CKP is cleared by
hardware and the clock is stretched.
15. Slave clears SSPIF.
16. Slave reads the received byte from SSPBUF
clearing BF.
17. If SEN is set, the slave sets CKP to release the
SCL.
18. Steps 13–17 repeat for each received byte.
19. Master sends Stop to end the transmission.
27.4.6
10-BIT ADDRESSING WITH
ADDRESS OR DATA HOLD
Reception using 10-bit addressing with AHEN or DHEN
set is the same as with 7-bit modes. The only difference
is the need to update the SSPADDx register using the
UA bit. All functionality, specifically when the CKP bit is
cleared and SCL line is held low, are the same.
Figure 27-13 can be used as a reference of a slave in
10-bit addressing with AHEN set.
Figure 27-14 shows a standard waveform for a slave
transmitter in 10-bit Addressing mode.
Note:
Updates to the SSPADDx register are not
allowed until after the ACK sequence.
Note:
If the low address does not match, SSPIF
and UA are still set so that the slave soft-
ware can set SSPADDx back to the high
address. BF is not set because there is no
match. CKP is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com