Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19111 Datasheet(PDF) 163 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 163 Page - Microchip Technology

Back Button MCP19111 Datasheet HTML 159Page - Microchip Technology MCP19111 Datasheet HTML 160Page - Microchip Technology MCP19111 Datasheet HTML 161Page - Microchip Technology MCP19111 Datasheet HTML 162Page - Microchip Technology MCP19111 Datasheet HTML 163Page - Microchip Technology MCP19111 Datasheet HTML 164Page - Microchip Technology MCP19111 Datasheet HTML 165Page - Microchip Technology MCP19111 Datasheet HTML 166Page - Microchip Technology MCP19111 Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 222 page
background image
FIGURE 27-13:
I2C SLAVE, 10-BIT ADDRESS, RECEPTION (SEN = 0, AHEN = 1, DHEN = 0)
Receive First Address Byte
UA
Receive Second Address Byte
UA
Receive Data
ACK
Receive Data
1
1
1
1
0
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6 D5
SDA
SCL
SSPIF
BF
ACKDT
UA
CKP
ACKTIM
1
2
3
4
5
678
9
S
ACK
ACK
12
3
4
56
78
9
12
345
6
7
8
91
2
SSPBUF
is read from
Received data
SSPBUF can be
read anytime before
the next received byte
Cleared by software
falling edge of SCL
not allowed until 9th
Update to SSPADD is
Set CKP with software
releases SCL
SCL
clears UA and releases
Update of SSPADD,
Set by hardware
on 9th falling edge
Slave software clears
ACKDT to ACK
the received byte
If when AHEN = 1;
on the 8th falling edge
of SCL of an address
byte, CKP is cleared
ACKTIM is set by hardware
on 8th falling edge of SCL
Cleared by software
R/W = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com