Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 21 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 21 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 17Page - Microchip Technology ANSELA Datasheet HTML 18Page - Microchip Technology ANSELA Datasheet HTML 19Page - Microchip Technology ANSELA Datasheet HTML 20Page - Microchip Technology ANSELA Datasheet HTML 21Page - Microchip Technology ANSELA Datasheet HTML 22Page - Microchip Technology ANSELA Datasheet HTML 23Page - Microchip Technology ANSELA Datasheet HTML 24Page - Microchip Technology ANSELA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 21
MCP19111
4.0
ELECTRICAL CHARACTERISTICS
4.1
ABSOLUTE MAXIMUM RATINGS (†)
VIN –VGND .................................................................................................................................................. -0.3V to +32V
VBOOT - VIN................................................................................................................................................. -0.3V to +6.5V
VPHASE (continuous) ........................................................................................................................ GND – 0.3V to +30V
VPHASE (transient < 100 ns)............................................................................................................. GND – 5.0V to +30V
VDD internally generated ...................................................................................................................................+5V ±20%
VHDRV, HDRV Pin..........................................................................................................+VPHASE – 0.3V to VBOOT +0.3V
VLDRV, LDRV Pin............................................................................................................. +(VGND – 0.3V) to (VDD +0.3V)
Voltage on MCLR with respect to GND.................................................................................................... -0.3V to+13.5V
Maximum Voltage: any other pin..................................................................................... +(VGND – 0.3V) to (VDD +0.3V)
Maximum output current sunk by any single I/O pin ...............................................................................................25 mA
Maximum output current sourced by any single I/O pin .......................................................................................... 25 mA
Maximum current sunk by all GPIO ........................................................................................................................ 65 mA
Maximum current sourced by all GPIO ................................................................................................................... 65 mA
ESD protection on all pins (HBM) ........................................................................................................................... 1.0 kV
ESD protection on all pins (MM)
 100 V
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com