Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 9 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 9 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 5Page - Microchip Technology ANSELA Datasheet HTML 6Page - Microchip Technology ANSELA Datasheet HTML 7Page - Microchip Technology ANSELA Datasheet HTML 8Page - Microchip Technology ANSELA Datasheet HTML 9Page - Microchip Technology ANSELA Datasheet HTML 10Page - Microchip Technology ANSELA Datasheet HTML 11Page - Microchip Technology ANSELA Datasheet HTML 12Page - Microchip Technology ANSELA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 9
MCP19111
FIGURE 1-3:
MICROCONTROLLER CORE BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Instruction
Decode &
Control
Timing
Generation
TESTCLKIN
PORTA
8
8
8
3
8 Level Stack
256
4K x 14
bytes
(13-bit)
Power-up
Timer
Power-on
Reset
Watchdog
Timer
MCLR
VIN VSS
Timer0
Timer1
T0CKI
Configuration
8 MHz Internal
Oscillator
Timer2
MSSP
GPA0
GPA1
GPA2
GPA3
GPA4
GPA5
Analog interface
SDA
SCL
PMDATL
EEADDR
Self read/
write flash
memory
registers
PORTB
GPB0
GPB1
GPB2
GPB6
GPB4
PWM
GPB5
GPA6
GPA7
GPB7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com