Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 53 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 53 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 49Page - Microchip Technology ANSELA Datasheet HTML 50Page - Microchip Technology ANSELA Datasheet HTML 51Page - Microchip Technology ANSELA Datasheet HTML 52Page - Microchip Technology ANSELA Datasheet HTML 53Page - Microchip Technology ANSELA Datasheet HTML 54Page - Microchip Technology ANSELA Datasheet HTML 55Page - Microchip Technology ANSELA Datasheet HTML 56Page - Microchip Technology ANSELA Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 53
MCP19111
Note: Unless otherwise indicated, VIN = 12V, FSW = 300 kHz, TA = +25°C.
FIGURE 7-13:
HDRV RDSon vs.
Temperature.
FIGURE 7-14:
HDRV RDSon vs.
Temperature.
FIGURE 7-15:
LDRV RDSon vs.
Temperature.
FIGURE 7-16:
Oscillator Frequency vs.
Temperature.
FIGURE 7-17:
CRNT Voltage vs. Output
Current.
FIGURE 7-18:
Remote Sense Amplifier
CMRR.
0.8
0.9
1.0
1.1
1.2
1.3
1.4
DRVSTR = 0
RHDRV-SOURCE
0.4
0.5
0.6
0.7
-40 -25 -10 5
203550658095 110 125
Temperature (ºC)
RHDRV-SINK
1.5
2.0
2.5
3.0
DRVSTR = 1
RHDRV-SOURCE
0.5
1.0
-40 -25 -10 5
203550658095 110 125
Temperature (ºC)
RHDRV-SINK
0.8
1.0
1.2
1.4
1.6
RLDRV-SOURCE
0.2
0.4
0.6
-40 -25 -10 5
203550658095 110 125
Temperature (ºC)
RLDRV-SINK
7.99
8.00
8.01
8.02
8.03
8.04
8.05
7.95
7.96
7.97
7.98
-40 -25 -10
5
203550658095 110 125
Temperature (ºC)
1.57
1.58
1.59
1.60
1.61
1.62
1.63
1.64
RIND = 3.0 mŸ
1.53
1.54
1.55
1.56
0
5
10
15
20
25
30
Output Current (A)
8%
10%
12%
14%
16%
18%
20%
22%
24%
0%
2%
4%
6%
8%
30
38
47
56
64
73
81
90
100
CMRR (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com