Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 22 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 22 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 18Page - Microchip Technology ANSELA Datasheet HTML 19Page - Microchip Technology ANSELA Datasheet HTML 20Page - Microchip Technology ANSELA Datasheet HTML 21Page - Microchip Technology ANSELA Datasheet HTML 22Page - Microchip Technology ANSELA Datasheet HTML 23Page - Microchip Technology ANSELA Datasheet HTML 24Page - Microchip Technology ANSELA Datasheet HTML 25Page - Microchip Technology ANSELA Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 222 page
background image
MCP19111
DS22331A-page 22
 2013 Microchip Technology Inc.
4.2
Electrical Characteristics
Electrical Specifications: Unless otherwise noted, VIN = 12V, VREF = 1.2V, FSW =300 kHz, TA =+25°C.
Boldface specifications apply over the TA range of -40°C to +125°C.
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Input
Input Voltage
VIN
4.5
—
32
V
Input Quiescent Current
IQ
—5
10
mA
Not switching
Shutdown Current
ISHDN
—1.8
2.2
mA
Note 4
Adjustable Input Under
Voltage Lockout Range
UVLO
3
—
32
V
VINLVL is a LOG DAC
Input Under Voltage
Lockout Hysteresis
UVLOHYS
—
13
—
%
Hysteresis applied to
adjustable UVLO setpoint
Overcurrent
Overcurrent Minimum
Threshold
OCMIN
—160
—
mV
Overcurrent Maximum
Threshold
OCMAX
—620
—
mV
Overcurrent Mid-Scale
Threshold
OCMID
240
400
550
mV
Overcurrent Step Size
OCSTEP_SIZE
10
15
20
mV
Adjustable OC Leading
Edge Blanking Minimum
Set Point
LEBmin
—114
—
ns
Adjustable OC Leading
Edge Blanking Maximum
Set Point
LEBmax
—780
—
ns
Current Sense
Current Sense Minimum
AC Gain
IAC_GAIN
—0
—
dB
Current Sense Maximum
AC Gain
IAC_GAIN
—22.8
—
dB
Current Sense AC Gain
Mid Set Point
IAC_GAIN
8.5
11.5
14
dB
Current Sense AC Gain
Step Size
IAC_GAIN_STEP
—1.5
—
dB
Current Sense AC Gain
Offset Voltage
IAC_OFFSET
-175
9
135
mV
Current Sense Minimum
DC Gain
IDC_GAIN
—19.5
—
dB
Current Sense Maximum
DC Gain
IDC_GAIN
—35.7
—
dB
Current Sense DC Gain
Mid Set Point
IDC_GAIN
27
28.6
30.3
dB
Current Sense DC Gain
Step Size
IDC_GAIN_STEP
—2.3
—
dB
Note 1:
Ensured by design. Not production tested.
2:
VDD-OUT is the voltage present at the VDD pin. VDD is the internally generated bias voltage.
3:
This is the total source current for all GPIO pins combined. Individually, each pin can source a maximum of
25 mA.
4:
PE1 = 0x00h, ABECON = 0x00h, ATSTCON = 0x80h, WPUGPA = 0x00h, WPUGPB = 0x00h, and
SLEEP command issued to PIC core, see SECTION 16.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com