Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 50 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 50 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 46Page - Microchip Technology ANSELA Datasheet HTML 47Page - Microchip Technology ANSELA Datasheet HTML 48Page - Microchip Technology ANSELA Datasheet HTML 49Page - Microchip Technology ANSELA Datasheet HTML 50Page - Microchip Technology ANSELA Datasheet HTML 51Page - Microchip Technology ANSELA Datasheet HTML 52Page - Microchip Technology ANSELA Datasheet HTML 53Page - Microchip Technology ANSELA Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 222 page
background image
MCP19111
DS22331A-page 50
 2013 Microchip Technology Inc.
REGISTER 6-15:
ABECON: ANALOG BLOCK ENABLE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OVDCEN
UVDCEN
MEASEN
SLCPBY
CRTMEN
TMPSEN
RECIREN
PATHEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OVDCEN: Output over voltage DAC control bit
1
= Output over voltage DAC is enabled
0
= Output over voltage DAC is disabled
bit 6
UVDCEN: Output under voltage DAC control bit
1
= Output under voltage DAC is enabled
0
= Output under voltage DAC is disabled
bit 5
MEASEN: Relative efficiency measurement control bit
1
= Initiate relative efficiency measurement
0
= Relative efficiency measurement not in progress
bit 4
SLCPBY: Slope compensation bypass control bit
1
= Slope compensation is disabled
0
= Slope compensation is enabled
bit 3
CRTMEN: Current measurement circuitry control bit
1
= Current measurement circuitry is enabled
0
= Current measurement circuitry is disabled
bit 2
TMPSEN: Internal temperature sensor control bit
1
= Internal temperature sensor circuitry is enabled
0
= Internal temperature sensor circuitry is disabled
bit 1
RECIREN: Relative efficiency circuitry control bit
1
= Relative efficiency measurement circuitry is enabled
0
= Relative efficiency measurement circuitry is disabled
bit 0
PATHEN: Signal chain circuitry control bit
1
= Signal chain circuitry is enabled
0
= Signal chain circuitry is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com