Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 18 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 18 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 14Page - Microchip Technology ANSELA Datasheet HTML 15Page - Microchip Technology ANSELA Datasheet HTML 16Page - Microchip Technology ANSELA Datasheet HTML 17Page - Microchip Technology ANSELA Datasheet HTML 18Page - Microchip Technology ANSELA Datasheet HTML 19Page - Microchip Technology ANSELA Datasheet HTML 20Page - Microchip Technology ANSELA Datasheet HTML 21Page - Microchip Technology ANSELA Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 222 page
background image
MCP19111
DS22331A-page 18
 2013 Microchip Technology Inc.
3.8
Protection Features
3.8.1
INPUT UNDER VOLTAGE LOCKOUT
The input under voltage lockout (UVLO) threshold is
configurable by the VINLVL register, Register 6-1.
When the voltage at the VIN pin of the MCP19111 is
below the configurable threshold, the PIR2<VINIF>
flag will be set. This flag is cleared by hardware once
the VIN voltage is greater than the configurable
threshold. By enabling the global interrupts or polling
the VINIF bit, the MCP19111 can be disabled when the
VIN voltage is below the threshold.
Some techniques that can be used to disable the
switching of the MCP19111 while the VINIF flag is set
include setting the ATSTCON<DVRDIS> bit, setting
the reference voltage to 0V, setting the PE1<PUEN>
bit,
or
setting
the
ATSTCON<HIDIS>
and
ATSTCON<LODIS> bits.
3.8.2
OUTPUT OVERCURRENT
The MCP19111 senses the voltage drop across the
high-side MOSFET to determine when an output over
current (OC) exists. This voltage drop is configurable
by
the
OCCON
register
(Register 6-2),
and
is
measured when the high-side MOSFET is conducting.
To avoid false OC events, leading edge blanking is
applied to the measurements. The amount of blanking
is controlled by the OCLEB<1:0> bits in the OCCON
register. See Section 6.2 “Output Overcurrent” for
more information.
When the input voltage is greater than 20V or if the
RDSON of the high-side MOSFET is such that the
programmed overcurrent threshold does not produce
acceptable peak overcurrent protection, an alternative
method must be used to determine an overcurrent
situation. An alternative technique can use the
configurable output under voltage protection and the
PE1<UVTEE> bit to quickly terminate switching when
the output voltage drops because of an overcurrent
event.
3.8.3
OUTPUT UNDER VOLTAGE
When the output under voltage DAC is enabled by
setting the ABECON<UVDCEN> bit, the voltage
measured between the +VSEN and -VSEN pins is
monitored
and
compared
to
the
UV
threshold
controlled by the OUVCON register (Register 6-12).
When the output voltage is below the threshold, the
PIR2<UVIF> flag will be set. Once set, firmware can
determine how the MCP19111 responds to the fault
condition and it must clear the UVIF flag.
By setting the PE1<UVTEE> bit, the HDRV and LDRV
signals will be asserted low when the UVIF flag is set.
The signals will remain low until the flag is cleared.
3.8.4
OUTPUT OVERVOLTAGE
When the output overvoltage DAC is enabled by setting
the ABECON<OVDCEN> bit, the voltage measured
between the +VSEN and -VSEN pins is monitored and
compared to the OV threshold controlled by the
OOVCON register (Register 6-13). When the output
voltage is above the threshold, the PIR2<OVIF> flag
will be set. Once set, firmware can determine how the
MCP19111 responds to the fault condition and it must
clear the OVIF flag.
By setting the PE1<OVTEE> bit, the HDRV and LDRV
signals will be asserted low when the OVIF flag is set.
The signals will remain low until the flag is cleared.
Note 1: The UVLO DAC must be enabled by set-
ting the VINLVL<UVLOEN> bit.
2: Interrupt flag bits are set when an inter-
rupt condition occurs, regardless of the
state of its corresponding enable bit or
the Global Enable bit (GIE) of the
INTCON register.
Note 1: The OC DAC must be enabled by setting
the OCCON<OCEN> bit.
Note 1: The UV DAC must be enabled by setting
the ABECON<UVDCEN> bit.
2: Interrupt flag bits are set when an inter-
rupt condition occurs, regardless of the
state of its corresponding enable bit or
the Global Enable bit (GIE) of the
INTCON register.
3: The output of the remote sense compar-
ator is compared to the UV threshold.
Therefore, the offset in this comparator
should be considered when calculating
the UV threshold.
Note 1: The OV DAC must be enabled by setting
the ABECON<UVDCEN> bit.
2: Interrupt flag bits are set when an inter-
rupt condition occurs, regardless of the
state of its corresponding enable bit or
the Global Enable bit (GIE) of the
INTCON register.
3: The output of the remote sense compar-
ator is compared to the OV threshold.
Therefore, the offset in this comparator
should be considered when calculating
the OV threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com