Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 46 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 46 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 42Page - Microchip Technology ANSELA Datasheet HTML 43Page - Microchip Technology ANSELA Datasheet HTML 44Page - Microchip Technology ANSELA Datasheet HTML 45Page - Microchip Technology ANSELA Datasheet HTML 46Page - Microchip Technology ANSELA Datasheet HTML 47Page - Microchip Technology ANSELA Datasheet HTML 48Page - Microchip Technology ANSELA Datasheet HTML 49Page - Microchip Technology ANSELA Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 222 page
background image
MCP19111
DS22331A-page 46
 2013 Microchip Technology Inc.
6.11
Output Under Voltage
The output voltage is monitored, and when it is below
the output under voltage threshold, the UVIF flag is set.
This
flag
must
be
cleared
in
software.
See
Section 15.3.1.4
“PIR2
Register”
for
more
information.
The output under voltage threshold is controlled by the
OUVCON register, as shown in Register 6-12.
6.12
Output Overvoltage
The output voltage is monitored, and when it is above
the output over voltage threshold, the OVIF flag is set.
This
flag
must
be
cleared
in
software.
See
Section 15.3.1.4
“PIR2
Register”
for
more
information.
The output over voltage threshold is controlled by the
OOVCON register, as shown in Register 6-13.
REGISTER 6-12:
OUVCON: OUTPUT UNDER VOLTAGE DETECT LEVEL CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
OUV7
OUV6
OUV5
OUV4
OUV3
OUV2
OUV1
OUV0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
OUV<7:0>: Output Under Voltage Detect Level Configuration bits
OUV<7:0>
= (VOUT_UV_Detect_Level)/15 mV
REGISTER 6-13:
OOVCON: OUTPUT OVERVOLTAGE DETECT LEVEL CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
OOV7
OOV6
OOV5
OOV4
OOV3
OOV2
OOV1
OOV0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
OOV<7:0>: Output Overvoltage Detect Level Configuration bits
OOV<7:0>
= (VOUT_OV_Detect_Level)/15 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com