Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 43 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 43 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 39Page - Microchip Technology ANSELA Datasheet HTML 40Page - Microchip Technology ANSELA Datasheet HTML 41Page - Microchip Technology ANSELA Datasheet HTML 42Page - Microchip Technology ANSELA Datasheet HTML 43Page - Microchip Technology ANSELA Datasheet HTML 44Page - Microchip Technology ANSELA Datasheet HTML 45Page - Microchip Technology ANSELA Datasheet HTML 46Page - Microchip Technology ANSELA Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 43
MCP19111
6.8
MASTER Error Signal Gain
When operating in a multi-phase system, the output of
the MASTER’s error amplifier is used by all SLAVE
devices as their control signal. It is important to balance
the current in all phases to maintain a uniform
temperature across all phases. Component tolerances
make this balancing difficult. Each SLAVE device has
the ability to gain or attenuate the MASTER error signal
depending upon the settings of Register 6-8.
Note:
The SLVGNCON register is configured in
the multi-phase SLAVE device.
REGISTER 6-8:
SLVGNCON: MASTER ERROR SIGNAL INPUT GAIN CONTROL REGISTER
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
SLVGN4
SLVGN3
SLVGN2
SLVGN1
SLVGN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
SLVGN<4:0>: MASTER Error Signal Gain bits
00000
= -3.3 dB
00001
= -3.1 dB
00010
= -2.9 dB
00011
= -2.7 dB
00100
= -2.5 dB
00101
= -2.3 dB
00110
= -2.1 dB
00111
= -1.9 dB
01000
= -1.7 dB
01001
= -1.4 dB
01010
= -1.2 dB
01011
= -1.0 dB
01100
= -0.8 dB
01101
= -0.6 dB
01110
= -0.4 dB
01111
= -0.2 dB
10000
= 0.0 dB
10001
= 0.2 dB
10010
= 0.4dB
10011
= 0.7 dB
10100
= 0.9 dB
10101
= 1.1 dB
10110
= 1.3 dB
10111
= 1.5 dB
11000
= 1.7 dB
11001
= 1.9 dB
11010
= 2.1 dB
11011
= 2.3 dB
11100
= 2.6 dB
11101
= 2.8 dB
11110
= 3.0 dB
11111
= 3.2 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com