Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 52 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 52 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 48Page - Microchip Technology ANSELA Datasheet HTML 49Page - Microchip Technology ANSELA Datasheet HTML 50Page - Microchip Technology ANSELA Datasheet HTML 51Page - Microchip Technology ANSELA Datasheet HTML 52Page - Microchip Technology ANSELA Datasheet HTML 53Page - Microchip Technology ANSELA Datasheet HTML 54Page - Microchip Technology ANSELA Datasheet HTML 55Page - Microchip Technology ANSELA Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 222 page
background image
MCP19111
DS22331A-page 52
 2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 12V, FSW = 300 kHz, TA = +25°C.
FIGURE 7-7:
VDD vs. Output Current.
FIGURE 7-8:
VREGREF vs. Temperature
(VREGREF = 0.6V).
FIGURE 7-9:
VREGREF vs. Temperature
(VREGREF = 1.8V).
FIGURE 7-10:
VREGREF vs. Temperature
(VREGREF = 3.3V).
FIGURE 7-11:
HDRV Dead Time vs.
HDLY Code.
FIGURE 7-12:
LDRV Dead Time vs.
LDLY Code.
5.02
5.03
5.04
5.05
5.06
5.07
- 40ºC
+125ºC
+25ºC
4.99
5.00
5.01
02468 10 12 14 16 18 20 22 24 26 28 30
Current (mA)
059
0.60
0.61
0.62
0.63
OVCCON = 0x28h
0.57
0.58
0.59
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
1.80
1.81
1.82
1.83
1.84
OVCCON = 0x78h
1.77
1.78
1.79
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
3.29
3.30
3.31
3.32
3.33
3.34
3.35
OVCCON = 0xDCh
3.25
3.26
3.27
3.28
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (ºC)
40
50
60
70
80
-40ºC
125ºC
10
20
30
0
2
4
6
8
10
12
14
16
HDLY CODE
+125ºC
+25ºC
30
40
50
60
70
+125ºC
+25ºC
0
10
20
02468
10
12
14
16
LDLY CODE
-40ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com