Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 56 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 56 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 52Page - Microchip Technology ANSELA Datasheet HTML 53Page - Microchip Technology ANSELA Datasheet HTML 54Page - Microchip Technology ANSELA Datasheet HTML 55Page - Microchip Technology ANSELA Datasheet HTML 56Page - Microchip Technology ANSELA Datasheet HTML 57Page - Microchip Technology ANSELA Datasheet HTML 58Page - Microchip Technology ANSELA Datasheet HTML 59Page - Microchip Technology ANSELA Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 222 page
background image
MCP19111
DS22331A-page 56
 2013 Microchip Technology Inc.
8.2
Unity Gain Buffer
The unity gain buffer module is used during a multi-
phase application and while operating in Bench Test
mode.
When the ATSTCON<BNCHEN> bit is set, the device
is in Bench Test mode and the ASEL<4:0> bits of the
BUFFCON register determine which internal analog
signal can be measured on the GPA0 pin.
When measuring signals with the unity gain buffer, the
buffer offset must be added to the measured signal.
The factory measured buffer offset can be read from
memory location 2087h. Refer to Section 11.1.1
“Reading Program Memory as Data” for more infor-
mation.
REGISTER 8-2:
BUFFCON: UNITY GAIN BUFFER CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MLTPH2
MLTPH1
MLTPH0
ASEL4
ASEL3
ASEL2
ASEL1
ASEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
MLTPH<2:0>: System configuration bits
000
= Device set as stand-alone unit
001
= Device set as multiple output MASTER
010
= Device set as multiple output SLAVE
011
= Device set as multi-phase MASTER
100
= Device set as multi-phase SLAVE
bit 4-0
ASEL<4:0>: Multiplexer output control bit
00000
= Voltage proportional to current in the inductor
00001
= Error amplifier output plus slope compensation, input to PWM comparator
00010
= Input to slope compensation circuitry
00011
= Band gap reference
00100
= Output voltage reference
00101
= Output voltage after internal differential amplifier
00110
= Unimplemented
00111
= Voltage proportional to the internal temperature
01000
= Internal ground for current sense circuitry, see Section 6.5 “Voltage for Zero Current”
01001
= Output overvoltage comparator reference
01010
= Output under voltage comparator reference
01011
= Error amplifier output
01100
= For a multi-phase SLAVE, error amplifier signal received from MASTER
01101
= For multi-phase SLAVE, error signal received from MASTER with gain,
see Section 6.8 “MASTER Error Signal Gain”
01110
= VIN divided down by 1/5
01111
= DC inductor valley current
10000
= Unimplemented
•
•
•
11100
= Unimplemented
11101
= Overcurrent reference
11110
= Unimplemented
11111
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com