Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 102 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 102 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 98Page - Microchip Technology ANSELA Datasheet HTML 99Page - Microchip Technology ANSELA Datasheet HTML 100Page - Microchip Technology ANSELA Datasheet HTML 101Page - Microchip Technology ANSELA Datasheet HTML 102Page - Microchip Technology ANSELA Datasheet HTML 103Page - Microchip Technology ANSELA Datasheet HTML 104Page - Microchip Technology ANSELA Datasheet HTML 105Page - Microchip Technology ANSELA Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 222 page
background image
MCP19111
DS22331A-page 102
 2013 Microchip Technology Inc.
TABLE 17-1:
WDT STATUS
Conditions
WDT
WDTE = 0
Cleared
CLRWDT
Command
Exit Sleep
TABLE 17-2:
SUMMARY OF REGISTERS ASSOCIATED WITH WATCHDOG TIMER
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Register on
Page
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
75
Legend: Shaded cells are not used by the Watchdog Timer.
Note 1:
See Register 12-1 for operation of all Configuration Word register bits.
TABLE 17-3:
SUMMARY OF CONFIGURATION WORD ASSOCIATED WITH WATCHDOG TIMER
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG
13:8
—
—
DBGEN
—
WRT1
WRT0
—
—
79
7:0
—
CP
MCLRE
PWRTE
WDTE
—
—
—
Legend: — = unimplemented location, read as ‘1’. Shaded cells are not used by Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com