Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 112 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 112 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 108Page - Microchip Technology ANSELA Datasheet HTML 109Page - Microchip Technology ANSELA Datasheet HTML 110Page - Microchip Technology ANSELA Datasheet HTML 111Page - Microchip Technology ANSELA Datasheet HTML 112Page - Microchip Technology ANSELA Datasheet HTML 113Page - Microchip Technology ANSELA Datasheet HTML 114Page - Microchip Technology ANSELA Datasheet HTML 115Page - Microchip Technology ANSELA Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 222 page
background image
MCP19111
DS22331A-page 112
 2013 Microchip Technology Inc.
REGISTER 19-3:
TRISGPA: PORTGPA TRI-STATE REGISTER
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
TRISA<7:6>: PORTGPA Tri-State Control bit
1
= PORTGPA pin configured as an input (tri-stated)
0
= PORTGPA pin configured as an output
bit 5
TRISA5: GPA5 Port Tri-State Control bit
This bit is always ‘1’ as GPA5 is an input only
bit 4-0
TRISA<4:0>: PORTGPA Tri-State Control bit
1
= PORTGPA pin configured as an input (tri-stated)
0
= PORTGPA pin configured as an output
REGISTER 19-4:
WPUGPA: WEAK PULL-UP PORTGPA REGISTER
U-0
U-0
R/W-1
U-0
R/W-1
R/W-1
R/W-1
R/W-1
WPUA5
WPUA3
WPUA2
WPUA1
WPUA0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
WPUA5: Weak Pull-up Register bit
1
= Pull-up enabled.
0
= Pull-up disabled.
bit 4
Unimplemented: Read as ‘0’
bit 3-0
WPUA<3:0>: Weak Pull-up Register bit
1
= Pull-up enabled.
0
= Pull-up disabled.
Note 1:
The weak pull-up device is enabled only when the global RAPU bit is enabled, the pin is in input mode
(TRISGPA = 1), and the individual WPUA bit is enabled (WPUA = 1), and the pin is not configured as an
analog input.
2:
GPA5 weak pull-up is also enabled when the pin is configured as MCLR in Configuration word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com