Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 135 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 135 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 131Page - Microchip Technology ANSELA Datasheet HTML 132Page - Microchip Technology ANSELA Datasheet HTML 133Page - Microchip Technology ANSELA Datasheet HTML 134Page - Microchip Technology ANSELA Datasheet HTML 135Page - Microchip Technology ANSELA Datasheet HTML 136Page - Microchip Technology ANSELA Datasheet HTML 137Page - Microchip Technology ANSELA Datasheet HTML 138Page - Microchip Technology ANSELA Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 135
MCP19111
24.0
TIMER1 MODULE WITH GATE
CONTROL
The Timer1 module is a 16-bit timer with the following
features:
• 16-bit timer register pair (TMR1H:TMR1L)
• Readable and Writable (both registers)
• Selectable internal clock source
• 2-bit prescaler
• Interrupt on overflow
Figure 24-1 is a block diagram of the Timer1 module.
FIGURE 24-1:
TIMER1 BLOCK DIAGRAM
24.1
Timer1 Operation
The Timer1 module is a 16-bit incrementing timer which
is accessed through the TMR1H:TMR1L register pair.
Writes to TMR1H or TMR1L directly update the
counter. The timer is incremented on every instruction
cycle.
Timer1 is enabled by configuring the TMR1ON bit in the
T1CON register. Table 24-1 displays the Timer1 enable
selections.
24.2
Clock Source Selection
The TMR1CS bit of the T1CON register is used to select
the clock source for Timer1. Table 24-1 displays the
clock source selections.
24.2.1
INTERNAL CLOCK SOURCE
The TMR1H:TMR1L register pair will increment on
multiples of FOSC or FOSC/4 as determined by the
Timer1 prescaler.
As an example, when the FOSC internal clock source is
selected, the Timer1 register value will increment by four
counts every instruction clock cycle.
TMR1H
TMR1L
TMR1CS
T1CKPS<1:0>
Prescaler
1, 2, 4, 8
1
0
2
Set flag bit
TMR1IF on
Overflow
TMR1(1)
TMR1ON
Note 1: TMR1 register increments on rising edge.
FOSC
FOSC/4
TABLE 24-1:
CLOCK SOURCE
SELECTIONS
TMR1CS
Clock Source
1
8 MHz system Clock (FOSC)
0
2 MHz instruction clock (FOSC/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com