Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 146 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 146 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 142Page - Microchip Technology ANSELA Datasheet HTML 143Page - Microchip Technology ANSELA Datasheet HTML 144Page - Microchip Technology ANSELA Datasheet HTML 145Page - Microchip Technology ANSELA Datasheet HTML 146Page - Microchip Technology ANSELA Datasheet HTML 147Page - Microchip Technology ANSELA Datasheet HTML 148Page - Microchip Technology ANSELA Datasheet HTML 149Page - Microchip Technology ANSELA Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 222 page
background image
MCP19111
DS22331A-page 146
 2013 Microchip Technology Inc.
FIGURE 27-2:
MSSP BLOCK DIAGRAM (I2C SLAVE MODE)
27.2
I2C
MODE OVERVIEW
The Inter-Integrated Circuit Bus (I2C) is a multi-master
serial data communication bus. Devices communicate
in a master/slave environment, where the master
devices initiate the communication. A Slave device is
controlled through addressing.
The MSSP module has eight registers for I2C
operation. They are the:
• MSSP Status Register (SSPSTAT)
• MSSP Control Register1 (SSPCON1)
• MSSP Control Register2 (SSPCON2)
• MSSP Control Register3 (SPPCON3)
• Serial Receive/Transmit Buffer (SSPBUF)
• MSSP Shift Register (SSPSR) - Not directly
accessible
• MSSP Address Register (SSPADD)
• MSSP Address Register2 (SSPADD2)
• MSSP Address Mask Register1 (SSPMSK)
• MSSP Address Mask Register2 (SSPMSK2)
The SSPCON1 register is used to define the I2C mode.
Four selection bits (SSPCON1<3:0>) allow one of the
following I2C modes to be selected:
•I2C Slave mode (7-bit address)
•I2C Slave mode (10-bit address)
•I2C Master mode, clock = OSC/4 (SSPADD +1)
•I2C firmware controlled Master mode (Slave idle)
The SSPSTAT register gives the status of the data
transfer. This information includes detection of a
START or STOP bit, specifies if the data received byte
was data or address, if the next byte is completion of
the 10-bit address, and if this will be a read or write data
transfer.
The SSPBUF is the register to which transfer data is
written to or read from. The SSPSR register shifts the
data in or out of the device. In receive operation, the
SSPBUF and SSPSR create a double buffer receiver.
This allows reception of the next byte to begin before
reading the last byte of received data. When the
complete byte is received before the SSPBUF register
is read, a receiver overflow has occurred and the
SSPOV bit (SSPCON1<6>) is set and the byte in the
SSPSR is lost.
Read
Write
SSPSR Reg
Match Detect
SSPADD Reg
Start and
Stop bit Detect
SSPBUF Reg
Internal
Data Bus
Addr Match
Set, Reset
S, P bits
(SSPSTAT Reg)
SCL
SDA
Shift
Clock
MSb
LSb
SSPMSK Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com