Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANSELA Datasheet(PDF) 185 Page - Microchip Technology

Part # ANSELA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ANSELA Datasheet(HTML) 185 Page - Microchip Technology

Back Button ANSELA Datasheet HTML 181Page - Microchip Technology ANSELA Datasheet HTML 182Page - Microchip Technology ANSELA Datasheet HTML 183Page - Microchip Technology ANSELA Datasheet HTML 184Page - Microchip Technology ANSELA Datasheet HTML 185Page - Microchip Technology ANSELA Datasheet HTML 186Page - Microchip Technology ANSELA Datasheet HTML 187Page - Microchip Technology ANSELA Datasheet HTML 188Page - Microchip Technology ANSELA Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 185
MCP19111
REGISTER 27-5:
SSPCON3: SSP CONTROL REGISTER 3
R-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ACKTIM: Acknowledge Time Status bit (I2C mode only)(2)
1
= Indicates the I2C bus is in an Acknowledge sequence, set on the 8th falling edge of SCL clock
0
= Not an Acknowledge sequence, cleared on the 9th rising edge of SCL clock
bit 6
PCIE: Stop Condition Interrupt Enable bit (I2C mode only)
1
= Enable interrupt on detection of Stop condition
0
= Stop detection interrupts are disabled(1)
bit 5
SCIE: Start Condition Interrupt Enable bit (I2C mode only)
1
= Enable interrupt on detection of Start or Restart conditions
0
= Start detection interrupts are disabled(1)
bit 4
BOEN: Buffer Overwrite Enable bit
In I2C Master mode:
This bit is ignored.
In I2C Slave mode:
1
= SSPBUF is updated and ACK is generated for a received address/data byte, ignoring the state
of the SSPOV bit only if the BF bit = 0.
0
= SSPBUF is only updated when SSPOV is clear
bit 3
SDAHT: SDA Hold Time Selection bit
1
= Minimum of 300 ns hold time on SDA after the falling edge of SCL
0
= Minimum of 100 ns hold time on SDA after the falling edge of SCL
bit 2
SBCDE: Slave Mode Bus Collision Detect Enable bit (I2C Slave mode only)
If on the rising edge of SCL, SDA is sampled low when the module is outputting a high state, the BCLIF
bit of the PIR2 register is set, and bus goes Idle
1
= Enable slave bus collision interrupts
0
= Slave bus collision interrupts are disabled
bit 1
AHEN: Address Hold Enable bit (I2C Slave mode only)
1
= Following the 8th falling edge of SCL for a matching received address byte; CKP bit of the
SSPCON1 register will be cleared and the SCL will be held low.
0
= Address holding is disabled
bit 0
DHEN: Data Hold Enable bit (I2C Slave mode only)
1
= Following the 8th falling edge of SCL for a received data byte; slave hardware clears the CKP bit
of the SSPCON1 register and SCL is held low.
0
= Data holding is disabled
Note 1:
This bit has no effect in Slave modes that Start and Stop condition detection is explicitly listed as enabled.
2:
The ACKTIM Status bit is only active when the AHEN bit or DHEN bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com