Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 7 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 3Page - Linear Technology LTP5903 Datasheet HTML 4Page - Linear Technology LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
LTP5903-WHR Datasheet
Dust Networks
7
Parameter
Min
Typ
Max
Units
Comments
measurement)
Output power, conducted
Power amplifier enabled:
At 25 °C
+8
dBm
Power amplifier disabled:
At 25 °C
–2
dBm
Range*
Power amplifier enabled:
Indoor
†
100
m
Outdoor
†
300
m
25 °C, 50% RH, +2 dBi
omni-directional antenna
Free Space
1200
m
Power amplifier disabled:
Indoor
†
25
m
25 °C, 50% RH, +2 dBi
omni-directional antenna
Outdoor
†
200
m
Free Space
350
m
*Actual RF range performance is subject to a number of installation-specific variables including, but not restricted to
ambient temperature, relative humidity, presence of active interference sources, line-of-sight obstacles, near-presence
of objects (for example, trees, walls, signage, and so on) that may induce multipath fading. As a result, actual
performance varies for each instance.
† 1 meter above ground.
5.2
Antenna Specifications
A MMCX-compatible jack receptacle is provided on board for the antenna connection. For antenna location, refer to the
mechanical drawing in section 9.1. The antenna must meet specifications in Table 14. For a list of antennae pre-approved for
RF certification, see section 10.1.2.
Table 14 Antenna Specifications
Parameter
Value
Frequency range
2.4–2.4835 GHz
Impedance
50
Ω
Gain
LTP5903-WHR
+2 dBi maximum
Pattern
Omni-directional
Maximum VSWR
3:1
Connector
MMCX*
* The LTP5903-WHR can accommodate the following RF mating connectors:
• MMCX straight connector such as Johnson 135-3402-001, or equivalent
• MMCX right angle connector such as Tyco 1408149-1, or equivalent
When the LTP5903-WHR is placed inside an enclosure, the antenna should be mounted such that the radiating portion of the
antenna protrudes from the enclosure, and connected using a MMCX connector on a coaxial cable. For optimum
performance, allow the antenna to be positioned vertically when installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com