Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5903 Datasheet(PDF) 2 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 2 Page - Linear Technology

  LTP5903 Datasheet HTML 1Page - Linear Technology LTP5903 Datasheet HTML 2Page - Linear Technology LTP5903 Datasheet HTML 3Page - Linear Technology LTP5903 Datasheet HTML 4Page - Linear Technology LTP5903 Datasheet HTML 5Page - Linear Technology LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
2
Dust Networks
LTP5903-WHR Datasheet
Table of Contents
1.0
Absolute Maximum Ratings ................................................................................4
2.0
Normal Operating Conditions .............................................................................4
3.0
Electrical Specifications .....................................................................................4
3.1 LVTTL I/O DC Specifications ................................................................................ 5
3.2 LED Specifications.............................................................................................. 5
3.3 3.3 V Output Supply........................................................................................... 6
3.4 Device Load ...................................................................................................... 6
3.5 AC Timing Specifications ..................................................................................... 6
4.0
Real-time Clock ..................................................................................................6
5.0
Radio..................................................................................................................6
5.1 Detailed Radio Specifications ............................................................................... 6
5.2 Antenna Specifications........................................................................................ 7
6.0
SmartMesh WirelessHART Intelligent Networking Platform ...............................8
6.1 Dynamic Network Optimization ............................................................................ 8
6.2 Deterministic Power Management......................................................................... 8
6.3 Intelligent Routing ............................................................................................. 8
6.4 Bandwidth Flexibility .......................................................................................... 8
7.0
Interfaces ..........................................................................................................8
7.1 Hardware Interfaces........................................................................................... 8
7.1.1
10/100Base-T Ethernet Interface ................................................................... 9
7.1.2
Serial 1 Interface......................................................................................... 9
7.1.3
Serial 2 Interface......................................................................................... 9
7.1.4
LED Status Indicators................................................................................... 9
7.1.5
Restore Signal............................................................................................. 9
7.2 Software Interfaces...........................................................................................11
7.2.1
XML API ....................................................................................................11
7.2.2
Admin Toolset ............................................................................................11
7.2.3
Command Line Interface..............................................................................11
8.0
Board-to-board Connectors ..............................................................................11
8.1 Connector Pin Numbering...................................................................................11
8.2 Pinout .............................................................................................................12
8.3 Recommended Mating Connectors .......................................................................14
9.0
Mechanical Specifications.................................................................................14
9.1 LTP5903-WHR Mechanical Drawings ....................................................................14
10.0 Regulatory and Standards Compliance .............................................................15
10.1 FCC Compliance ...............................................................................................15
10.1.1 FCC Testing ...............................................................................................15
10.1.2 FCC-approved Antenna................................................................................16
10.1.3 OEM Labeling Requirements .........................................................................16
10.2 IC Compliance..................................................................................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com